Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1CAN Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESD1CAN
Description  (TVS/ESD) 24V 45V 300W 27V ESD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESD1CAN Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESD1CAN Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
200 W peak pulse power (tp =8/20μs)
■
Bidirectional configurations
■
Solid-state silicon-avalanche technology
■
Low clamping voltage
■
Low leakage current
■
IEC 61000-4-2 ±30kV contact ±30kV air
■
IEC 61000-4-4 (EFT) 40A(5/50ns)
■
IEC 61000-4-5 (Lightning) 3A(8/20μs)
■
Dataline
■
Net works
■
Power line
■
SOT-23 package
■
Packaging: Tape and Reel
■
RoHS/WEEE Compliant
1
3
2
1
3
2
SOT-23 (Top View)
PESD1CAN
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power ( tp =8/20μs )
PPP
200
W
Peak Pulse Current ( tp =8/20μs ) (note1)
Ipp
3
A
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2(Contact)
VESD
30
30
kV
Lead SolderingTemperature
TL
260
℃
Junction Temperature
TJ
-55 to + 125
℃
Storage Temperature
Tstg
-55 to + 125
℃
Rev:2023A2
1
1
3
2
1
3
2
SOT-23 (Top View)
Applications
■
Dataline
■
Automatic Teller Machines
■
Net works
■
Power line
Mechanical Data
■
SOT-23 package
■
Molding compound flammability rating: UL 94V-0
■
Packaging: Tape and Reel
■
RoHS/WEEE Compliant


Similar Part No. - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
84Kb / 12P
CAN bus ESD protection diode in SOT23
Rev. 01-25 January 2005
PESD1CAN PHILIPS-PESD1CAN Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD1CAN NXP-PESD1CAN Datasheet
97Kb / 12P
CAN bus ESD protection diode
Rev. 04-15 February 2008
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
More results

Similar Description - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLS08A054LV RUILON-RLS08A054LV Datasheet
941Kb / 7P
TVS/ESD Arrays
RLS08A288LV RUILON-RLS08A288LV Datasheet
808Kb / 7P
TVS/ESD Arrays
RLSD32AXXXC RUILON-RLSD32AXXXC Datasheet
728Kb / 7P
TVS/ESD Arrays
RLSO16A058LC RUILON-RLSO16A058LC Datasheet
735Kb / 7P
TVS/ESD Arrays
RLST23A72C RUILON-RLST23A72C Datasheet
927Kb / 9P
TVS/ESD Arrays
RLST23AXXXV RUILON-RLST23AXXXV Datasheet
956Kb / 9P
TVS/ESD Arrays
RLST363A054LV RUILON-RLST363A054LV Datasheet
1Mb / 8P
TVS/ESD Arrays
RLS08A2.88LC RUILON-RLS08A2.88LC Datasheet
902Kb / 8P
TVS/ESD Arrays
RLSD32A RUILON-RLSD32A Datasheet
764Kb / 7P
TVS/ESD Arrays
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
TVS/ESD Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com