Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2505H Datasheet (PDF) - NXP Semiconductors

SAA2505H Datasheet PDF - NXP Semiconductors
Part # SAA2505H
Download  SAA2505H Download
File Size   177.81 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital multi-channel audio IC DUET

SAA2505H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA2505H Datasheet PDF - NXP Semiconductors

Part # SAA2505H
Download  SAA2505H Click to download

File Size   177.81 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital multi-channel audio IC DUET

SAA2505H Datasheet (HTML) - NXP Semiconductors


SAA2505H Product details

GENERAL
The SAA2505H decodes multi-channel audio up to MPEG 7.1, AC-3 5.1 and pro-logic on a dual DSP core.

FEATURES
Hardware features
• Two 40 MIPS 20-bit DSP cores
• All input and output buffer RAM is on-chip
• Program ROM on-chip for all decoding modes
• Two I2S-bus inputs with normal, double and quad speed mode (slave only)
• Second serial input usable for ADC (Karaoke input)
• Three normal and double speed I2S-bus outputs (slave and master from 256 and 384fs)
• One normal, double, quad speed I2S-bus output (slave and master from 256 and 384fs)
• Japanese EIAJ serial input and output formats
• Sony Philips Digital Interface (SPDIF) output
• I2C-bus control (up to 400 kHz)
• 3.3 V supply with 5 V TTL compatible inputs/outputs
• Boundary scan for printed-circuit board testing.

Software features
• AC-3 up to 5.1 channels
• MPEG 2 L2 up to 7.1 channels
• MPEG 1 L2 (Video-CD) 2 channels at 44.1 kHz
• Dolby pro-logic decoding at 32, 44.1 and 48 kHz
• Output configuration for 7, 5, 4, 3, 2 and 1 channels with or without Low Frequency Enhancement (LFE)
• Bass redirection for small satellite loudspeakers plus subwoofer
• Karaoke voice mix
• Dynamic range compression (AC-3 and MPEG)
• Adjustable delay up to 15 ms for surround channels (1.5 kbyte words)
• Adjustable delay up to 5 ms for centre channel (250 words)
• Rounding to DAC word length
• Mute by pin and I2C-bus command
• AC-3 and MPEG bitstream information available via the I2C-bus
• Concealment of CRC errors
• SPDIF coded output
• Fully programmable SPDIF channel status information.

APPLICATIONS
    The SAA2505H is intended for all markets where a multi-channel audio decoder for Dolby AC-3 and MPEG 2 is required.
    Primary markets are for DVD video players, TV sets and audio/video amplifiers.




Similar Part No. - SAA2505H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2500H PHILIPS-SAA2500H Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
ISO/MPEG Audio Source Decoder
1997 Nov 17
More results


Similar Description - SAA2505H

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
Multi-Channel Digital Audio Decoders
logo
Gennum Corporation
GB3212 GENNUM-GB3212 Datasheet
169Kb / 10P
DUET??DIGITAL Advanced DSP System with FRONTWAVE짰
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
DS90UA101-Q1 Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
DS90UA102-Q1 Multi-Channel Digital Audio Link
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
Multi-Channel Digital Audio Link
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com