Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA3004P Datasheet (PDF) - NXP Semiconductors

SAA3004P Datasheet PDF - NXP Semiconductors
Part # SAA3004P
Download  SAA3004P Download
File Size   103.6 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Remote control transmitter

SAA3004P Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA3004P Datasheet PDF - NXP Semiconductors

Part # SAA3004P
Download  SAA3004P Click to download

File Size   103.6 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Remote control transmitter

SAA3004P Datasheet (HTML) - NXP Semiconductors


SAA3004P Product details

GENERAL DESCRIPTION

The SAA3004 transmitter IC is designed for infrared remote control systems. It has a total of 448 commands which are divided into 7 sub-system groups with 64 commands each. The sub-system code may be selected by a press button, a slider switch or hard wired. The SAA3004 generates the pattern for driving the output stage. These patterns are pulse distance coded. The pulses are infrared flashes or modulated. The transmission mode is defined in conjunction with the sub-system address. Modulated pulses allow receivers with narrow-band preamplifiers for improved noise rejection to be used. Flashed pulses require a wide-band preamplifier within the receiver.

The SAA3004 has the following features:

• Flashed or modulated transmission

• 7 sub-system addresses

• Up to 64 commands per sub-system address

• High-current remote output at VDD= 6 V (−IOH= 40 mA)

• Low number of additional components

• Key release detection by toggle bits

• Very low stand−by current (<2µA)

• Operational current<2 mA at 6 V supply

• Wide supply voltage range (4 to 11 V)

• Ceramic resonator controlled frequency (typ. 450 kHz)

• Encapsulation: 20-lead plastic DIL or 20-lead plastic mini-pack (SO-20)




Similar Part No. - SAA3004P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007P PHILIPS-SAA3007P Datasheet
295Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007T PHILIPS-SAA3007T Datasheet
295Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3008 PHILIPS-SAA3008 Datasheet
110Kb / 17P
Infrared remote control transmitter RECS 80 low voltage
December 1988
More results


Similar Description - SAA3004P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
REMOTE CONTROL TRANSMITTER
28-Jun-2004
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com