Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7728 Datasheet (PDF) - EPCOS

B7728 Datasheet PDF - EPCOS
Part # B7728
Download  B7728 Download
File Size   54.04 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 2140,0 MHz

B7728 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7728 Datasheet PDF - EPCOS

Part # B7728
Download  B7728 Click to download

File Size   54.04 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 2140,0 MHz

B7728 Datasheet (HTML) - EPCOS


B7728 Product details

Features
● Low loss RF filter
● Unbalanced to balanced operation
● Low amplitude ripple
● Impedance transformation from 50 Ω to 100 Ω
● Suitable for GPRS class 1 to 12
● Pb-Free
● Package for Surface Mounted Technology (SMT)

Terminals
● Ni, gold-plated




Similar Part No. - B7728

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B772 UTC-B772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Samsung semiconductor
B772 SAMSUNG-B772 Datasheet
264Kb / 7P
PNP (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
logo
Fairchild Semiconductor
B772 FAIRCHILD-B772 Datasheet
76Kb / 5P
Audio Frequency Power Amplifier
logo
Hi-Sincerity Mocroelect...
B772 HSMC-B772 Datasheet
41Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
KEC(Korea Electronics)
B772 KEC-B772 Datasheet
297Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
More results


Similar Description - B7728

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7752 EPCOS-B7752 Datasheet
81Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B9005 EPCOS-B9005 Datasheet
60Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com