Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9005 Datasheet (PDF) - EPCOS

B9005 Datasheet PDF - EPCOS
Part # B9005
Download  B9005 Download
File Size   60.23 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz

B9005 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9005 Datasheet PDF - EPCOS

Part # B9005
Download  B9005 Click to download

File Size   60.23 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz

B9005 Datasheet (HTML) - EPCOS


B9005 Product details

Features
● Low-loss RF filter for W-CDMA mobile telephone system, receive path
● Balanced to balanced operation
● Usable passband 60 MHz




Similar Part No. - B9005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
logo
OKW Enclosures Ltd
B9002007 METCASE-B9002007 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
B9002008 METCASE-B9002008 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
More results


Similar Description - B9005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7728 EPCOS-B7728 Datasheet
54Kb / 6P
SAW Components Low-Loss Filter 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7752 EPCOS-B7752 Datasheet
81Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com