Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7752 Datasheet (PDF) - EPCOS

B7752 Datasheet PDF - EPCOS
Part # B7752
Download  B7752 Download
File Size   81.96 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz

B7752 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7752 Datasheet PDF - EPCOS

Part # B7752
Download  B7752 Click to download

File Size   81.96 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz

B7752 Datasheet (HTML) - EPCOS


B7752 Product details

Features
■ Low-loss RF filter for mobile telephone W-CDMA system, receive path
■ Low amplitude ripple
■ Usable passband 60 MHz
■ Unbalanced to balanced operation
■ Impedance transformation from 50Ω to 200Ω
■ Package for Surface Mounted Technology (SMT)
■ Chip Sized SAW Package (CSSP)




Similar Part No. - B7752

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
85Kb / 8P
SAW filter W-CDMA
B7750 EPCOS-B7750_1 Datasheet
85Kb / 8P
SAW filter W-CDMA
B7751 EPCOS-B7751 Datasheet
61Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7753 EPCOS-B7753 Datasheet
106Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Similar Description - B7752

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7728 EPCOS-B7728 Datasheet
54Kb / 6P
SAW Components Low-Loss Filter 2140,0 MHz
B7750 EPCOS-B7750 Datasheet
65Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7808 EPCOS-B7808 Datasheet
69Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
B7827 EPCOS-B7827 Datasheet
62Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7835 EPCOS-B7835 Datasheet
64Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B9005 EPCOS-B9005 Datasheet
60Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com