Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7901 Datasheet (PDF) - EPCOS

B7901 Datasheet PDF - EPCOS
Part # B7901
Download  B7901 Download
File Size   107.91 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx Filter 1855.0 MHz

B7901 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7901 Datasheet PDF - EPCOS

Part # B7901
Download  B7901 Click to download

File Size   107.91 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx Filter 1855.0 MHz

B7901 Datasheet (HTML) - EPCOS


B7901 Product details

Features
■ Package size 2.0 x1.4 x 0.68 mm3
■ Package code QCS5E
■ RoHS compatible
■ Approx. weight 0.007g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low loss RF filter for mobile telephone K-PCS systems, receive path (Rx)
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 30.0 MHz
■ Unbalanced to balanced operation
■ Impedance transformation from 50 Ω to 100 Ω




Similar Part No. - B7901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7910F68W32HR ETC2-B7910F68W32HR Datasheet
808Kb / 2P
4U Quad-socket Enterprise server platform supporting 8 PCI-e slots
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
SAW Duplexer WCDMA / LTE Band XI
logo
List of Unclassifed Man...
B7922F76U8HR-2T ETC2-B7922F76U8HR-2T Datasheet
1Mb / 2P
4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T ETC2-B7922F76U8HR-4T Datasheet
1Mb / 2P
4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
B7922F76U8HR-4T-HE-X ETC2-B7922F76U8HR-4T-HE-X Datasheet
1Mb / 2P
4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
More results


Similar Description - B7901

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B9303 EPCOS-B9303 Datasheet
142Kb / 10P
SAW Rx 2in1 filter 1842.5 / 1960.0 MHz
B9304 EPCOS-B9304 Datasheet
132Kb / 12P
SAW Rx 2in1 filter 881.5 & 942.5 MHz MHz
B9305 EPCOS-B9305 Datasheet
135Kb / 12P
SAW Rx 2in1 Filter 1842.5 / 1960.0 MHz
B9308 EPCOS-B9308 Datasheet
135Kb / 10P
SAW Rx 2in1 filter 942.5 / 1842.5 MHz
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
logo
Oscilent Corporation
803-RF421.25M-A OSCILENT-803-RF421.25M-A Datasheet
390Kb / 2P
421.25 MHz RF-Rx SAW Filter
803-RF421.25M-A OSCILENT-803-RF421.25M-A_14 Datasheet
390Kb / 2P
421.25 MHz RF-Rx SAW Filter
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
SAW Rx filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com