Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5263 Datasheet (PDF) - RF Micro Devices

RF5263 Datasheet PDF - RF Micro Devices
Part # RF5263
Download  RF5263 Download
File Size   96.66 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER

RF5263 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5263 Datasheet PDF - RF Micro Devices

Part # RF5263
Download  RF5263 Click to download

File Size   96.66 Kbytes
Page   2 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER

RF5263 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF5263

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5216 RFMD-RF5216 Datasheet
499Kb / 22P
Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222PCBA-41X RFMD-RF5222PCBA-41X Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
RF5288PCK-410 RFMD-RF5288PCK-410 Datasheet
1Mb / 15P
3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
More results


Similar Description - RF5263

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
3V, 2.5GHz LINEAR POWER AMPLIFIER
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com