Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA7024 Datasheet (PDF) - Infinite Electronics International, Inc.

CA7024 Datasheet PDF - Infinite Electronics International, Inc.
Part # CA7024
Download  CA7024 Download
File Size   289.16 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Fault Mapper™ Cable Length Meter & Fault Locator Alphanumeric TDR Model CA7024

CA7024 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA7024 Datasheet PDF - Infinite Electronics International, Inc.

Part # CA7024
Download  CA7024 Click to download

File Size   289.16 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Fault Mapper™ Cable Length Meter & Fault Locator Alphanumeric TDR Model CA7024

CA7024 Datasheet (HTML) - Infinite Electronics International, Inc.


CA7024 Product details

The Fault Mapper™ Model CA7024 is
a handheld, alphanumeric, TDR (Time
Domain Reflectometer) Cable Length
Meter and Fault Locator, designed to
measure the length of electrical and
communication cables. It can also
indicate the distance to a fault in the
cable (open or short), given access
to only one end of a two or more
conductor cable.
By incorporating fast-edge step TDR
technology, the Model CA7024
measures cable length and indicates

the distance to open or short circuit
faults, to a range of 6000 ft (2000m),
on virtually any type of cable. The
Model CA7024 indicates the cable
length or fault distance and description,
alphanumerically on a 128 x 64
graphical LCD.
An internal library of standard cable
types enables accurate measurement
without the necessity of entering
Velocity of Propagation (Vp)
information, and the Model CA7024
automatically compensates for
different cable impedances.

The Model CA7024 incorporates
an oscillating tone generator that is
detectable with a standard tone
tracer for use in tracing cables and
identification of cable location.
The Model CA7024 also displays
a “Voltage Detected” warning and
sounds an alarm when connected to
a cable energized by more than 10V,
which prohibits testing.

Features
• Handheld Cable Length Meter
and Fault Locator
• Detect opens and shorts and the
distance to them from one end of the
cable
• Measure cable length up to
6000 ft (2000m) in feet or meters
• Automatic cable impedance
compensation
• Built-in library of most common cables
and their Vp (Velocity of Propagation)
• Manual selection of Vp for all cables
not found in library
• Vp setting displayed along with
length and cable type (if in library)
• Built-in tone generator for tracing
and locating cables
• Large high-visibility blue
electroluminescent backlit display

Applications
• Determine length of cables on reels,
coils or in boxes
• Determine cable runs in wall, conduit
and other surfaces
• Detect opens and shorts in cables
and the length to them
• Trace cables to identify runs
and location




Similar Part No. - CA7024

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CA702 ALTECH-CA702 Datasheet
71Kb / 1P
CASP is a DIN Rail mountable spacer generally used for circuit separation
CA702 ALTECH-CA702 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
logo
Infinite Electronics In...
CA7027 L-COM-CA7027 Datasheet
350Kb / 1P
Maps and pinpoints the locations of faults on power and communication cables
CA7028 L-COM-CA7028 Datasheet
514Kb / 8P
Wire Mapper Pro™ LAN & Cable Tester Model CA7028
Rev. 01
More results


Similar Description - CA7024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
Ground Fault Interrupter
logo
JDS Uniphase Corporatio...
OVF-1 JDSU-OVF-1 Datasheet
487Kb / 2P
Pen-size Visual Fault Locator
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
GROUND FAULT INTERRUPTER
logo
Tripp Lite. All Rights ...
T020-001-PSF TRIPPLITE-T020-001-PSF Datasheet
509Kb / 2P
Multi-Function Optical Fiber Cable Tester with Power Meter, Light Source and Visual Fault Locator
logo
List of Unclassifed Man...
OBR5T-50 ETC2-OBR5T-50 Datasheet
824Kb / 2P
Fault location- Measure RL, IL, length
logo
ON Semiconductor
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
Ground Fault Interrupter
July 2014 Rev. 1.0.0
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
Ground Fault Interrupter
March 2013 Rev. 1.0.1
logo
List of Unclassifed Man...
770-910 ETC-770-910 Datasheet
113Kb / 1P
Replacement Lead Kit for TDR Cable Length Meter
logo
Radiodetection Ltd.
T272 RADIODETECTION-T272 Datasheet
163Kb / 2P
High Resistance Cable Fault Locator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com