Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA7028 Datasheet (PDF) - Infinite Electronics International, Inc.

CA7028 Datasheet PDF - Infinite Electronics International, Inc.
Part # CA7028
Download  CA7028 Download
File Size   514.81 Kbytes
Page   8 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Wire Mapper Pro™ LAN & Cable Tester Model CA7028

CA7028 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA7028 Datasheet PDF - Infinite Electronics International, Inc.

Part # CA7028
Download  CA7028 Click to download

File Size   514.81 Kbytes
Page   8 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Wire Mapper Pro™ LAN & Cable Tester Model CA7028

CA7028 Datasheet (HTML) - Infinite Electronics International, Inc.


CA7028 Product details

The Wire Mapper Pro™ Model CA7028
is a hand-held structured cable mapping
and troubleshooting tester designed
for use on UTP, STP, FTP and SSTP
cabling equipped with RJ-45 connectors
and wired to either TIA 568A/B (ISO
11801 and EN 50137), USOC or ISDN
specifications. It detects open circuit
pairs, shorts, crossed wires, crossed
pairs, reversed pairs, split pairs and
shield faults.
In the event of opens and shorts, the
Model CA7028 uses TDR technology
to indicate if the fault is at the near
end or the remote end of the cable,

or if it is somewhere in between. It will
then indicate the distance to the fault.
The Model CA7028 has the ability to
measure and indicate the length of the
cable under test, using a Vp (Velocity
of Propagation) set by the user, from
a built-in library or manually. It will
measure and report the length of all
four pairs of wires in the cable under
test. It also generates an audible tone
that is transmitted into all four pairs on
the cable under test. This can be used
for cable tracing and identification in
conjunction with a tone generator.

The Model CA7028 also has the ability
to identify telephone and data lines.
If the main unit is plugged into an
operational RJ-45 socket, it will give a
continuous warning tone and display if
a telephone voltage is present on any
of the pins. If the Service Detect key
is pressed, it will check and display
telephone, 10BaseT, 100Mbit+ and
token ring active service

Features
• Hand-held LAN Cable Mapping
and Troubleshooting Tester
• Indicates all common wiring faults
including split pairs, shorts, opens,
reversed pairs and crossed wires
• Unique graphical and digital display
of fault information and length
• Indicates distances to opens and
shorts and identifies location
• Display fault location up to 500 ft
(150m) in feet or meters
• Built-in tone generator for tracing
and locating cables
• Built-in service check function to
detect telephone, 10BaseT, 100Mbit+
and token ring
• Visual and audible warning of live
telephone network voltages
• Works with all category cables
• Rugged design weighs less than
12 oz (350g)
• Large high-visibility blue
electroluminescent backlit display
• Complete with remote unit and
mini patch leads
• Active remote identifiers indicates
Pass/Fail at remote end using
Green/Red LED
• Up to 16 unique remote identifiers
available
• Works with TIA 568A/B, USOC and
ISDN wiring schemes

Applications
• Identify LAN wiring faults
• Find distances (feet or meters)
to opens and shorts
• Test patch cords
• Test for active service
• Trace cable locations
• Measure cable length
• Map network layout




Similar Part No. - CA7028

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CA702 ALTECH-CA702 Datasheet
71Kb / 1P
CASP is a DIN Rail mountable spacer generally used for circuit separation
CA702 ALTECH-CA702 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
logo
Infinite Electronics In...
CA7024 L-COM-CA7024 Datasheet
289Kb / 5P
Fault Mapper™ Cable Length Meter & Fault Locator Alphanumeric TDR Model CA7024
Rev. 02
CA7027 L-COM-CA7027 Datasheet
350Kb / 1P
Maps and pinpoints the locations of faults on power and communication cables
More results


Similar Description - CA7028

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CT100 EXTECH-CT100 Datasheet
131Kb / 1P
Network Cable Tester
logo
Molex Electronics Ltd.
130127-0009 MOLEX2-130127-0009 Datasheet
51Kb / 1P
Super-Safeway짰 3-Wire Circuit Tester
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
CT100 EXTECH-CT100_15 Datasheet
943Kb / 1P
Network Cable Tester
logo
Molex Electronics Ltd.
130127-0005 MOLEX11-130127-0005 Datasheet
46Kb / 1P
Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
logo
Mallory performance clu...
PN8451 MALLORY-PN8451 Datasheet
85Kb / 2P
Pro-Billet Late Model Ford Distributors
logo
Tripp Lite. All Rights ...
T012-001-K TRIPPLITE-T012-001-K Datasheet
510Kb / 2P
Multi-Function Cable Tester with Wire Tracker and Tone Generator
logo
Mallory performance clu...
84563 MALLORY-84563 Datasheet
84Kb / 2P
Pro-Billet Late Model Ford Distributors
logo
ASM GmbH
3665-20 ASM-SENSOR-3665-20 Datasheet
919Kb / 4P
LAN-KABEL-TESTER
logo
Tripp Lite. All Rights ...
T100-001-TST TRIPPLITE-T100-001-TST Datasheet
167Kb / 2P
RJ11/RJ12/RJ45 Wire Crimper with Built-in Cable Tester
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com