Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA7027 Datasheet (PDF) - Infinite Electronics International, Inc.

CA7027 Datasheet PDF - Infinite Electronics International, Inc.
Part # CA7027
Download  CA7027 Download
File Size   350.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Maps and pinpoints the locations of faults on power and communication cables

CA7027 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA7027 Datasheet PDF - Infinite Electronics International, Inc.

Part # CA7027
Download  CA7027 Click to download

File Size   350.04 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Maps and pinpoints the locations of faults on power and communication cables

CA7027 Datasheet (HTML) - Infinite Electronics International, Inc.


CA7027 Product details

FEATURES
• 11 range scales indicating cable faults and
terminations up to 19,000 ft (6000m) in feet
or meters
• Detects opens, shorts, taps, faulty taps,
bridge taps, splitters, high resistance, wet
cables, splices and more
• Identifies impedance mismatches
• Works with twisted pair, parallel and
coaxial cable
• Dead band less than 9 ft
• Selectable cable impedance
(25Ω, 50Ω, 75Ω, 100Ω)
• Over-voltage protection up to 250V
• Adjustable cursor assists in locating faults
and termination
• Built-in tone generator for tracing and
locating cables
• Large high-visibility blue electroluminescent
backlit display




Similar Part No. - CA7027

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CA702 ALTECH-CA702 Datasheet
71Kb / 1P
CASP is a DIN Rail mountable spacer generally used for circuit separation
CA702 ALTECH-CA702 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
logo
Infinite Electronics In...
CA7024 L-COM-CA7024 Datasheet
289Kb / 5P
Fault Mapper™ Cable Length Meter & Fault Locator Alphanumeric TDR Model CA7024
Rev. 02
CA7028 L-COM-CA7028 Datasheet
514Kb / 8P
Wire Mapper Pro™ LAN & Cable Tester Model CA7028
Rev. 01
More results


Similar Description - CA7027

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1432786-1 TEC-1432786-1 Datasheet
82Kb / 2P
terminal locations apply at the base of the terminals
1432790-1 TEC-1432790-1 Datasheet
82Kb / 2P
terminal locations apply at the base of the terminals
1432791-1 TEC-1432791-1 Datasheet
85Kb / 2P
Terminal locations apply at the base of the terminals
1432792-1 TEC-1432792-1 Datasheet
85Kb / 2P
Terminal locations apply at the base of the terminals
1432795-1 TEC-1432795-1 Datasheet
82Kb / 2P
Terminal locations apply at the base of the terminals
1432797-1 TEC-1432797-1 Datasheet
85Kb / 2P
Terminal locations apply at the base of the terminals
1432867-1 TEC-1432867-1 Datasheet
78Kb / 2P
Terminal locations apply at the base of the terminals
1432868-1 TEC-1432868-1 Datasheet
82Kb / 2P
Terminal locations apply at the base of the terminals
1432871-1 TEC-1432871-1 Datasheet
82Kb / 2P
Terminal locations apply at the base of the terminals
1432875-1 TEC-1432875-1 Datasheet
85Kb / 2P
Terminal locations apply at the base of the terminals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com