Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7188A Datasheet (PDF) - NXP Semiconductors

AN7188A Datasheet PDF - NXP Semiconductors
Part # AN7188A
Download  AN7188A Download
File Size   168.31 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoder DENC2-M

AN7188A Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7188A Datasheet PDF - NXP Semiconductors

Part # AN7188A
Download  AN7188A Click to download

File Size   168.31 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoder DENC2-M

AN7188A Datasheet (HTML) - NXP Semiconductors


AN7188A Product details

GENERAL DESCRIPTION
The SAA7188A encodes digital YUV video data to an NTSC, PAL CVBS or S-Video signal.

FEATURES
• CMOS 5 V device
• Digital PAL/NTSC encoder
• System pixel frequency 13.5 MHz
• Accepts MPEG decoded data
• 8-bit wide MPEG port
• Input data format Cb, Y, Cr, etc. (CCIR 656)
• 16-bit wide YUV input port
• I2C-bus control port or alternatively MPU parallel control port
• Encoder can be master or slave
• Programmable horizontal and vertical input synchronization phase
• Programmable horizontal sync output phase
• OSD overlay with Look-Up Tables (LUTs) 8 × 3 bytes
• Colour bar generator
• Line 21 Closed Caption encoder
• Macrovision Pay-per-View copy protection system as option
• Cross-colour reduction
• DACs operating at 27 MHz with 10-bit resolution
• Controlled rise/fall times of output syncs and blanking
• Down-mode of DACs
• CVBS and S-Video output simultaneously
• PLCC68 package.




Similar Part No. - AN7188A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
2 Power Amplifier 18 W
More results


Similar Description - AN7188A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
Digital Video Encoders DENC2-M6
1996 Jul 03
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
Digital video encoder DENC2-SQ
1995 Sep 21
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com