Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1240001 Datasheet (PDF) - PHOENIX CONTACT

1240001 Datasheet PDF - PHOENIX CONTACT
Part # 1240001
Download  1240001 Download
File Size   435.7 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MSB-5CON-M12/0,5 SCOX - Device connector rear mounting

1240001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1240001 Datasheet PDF - PHOENIX CONTACT

Part # 1240001
Download  1240001 Click to download

File Size   435.7 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-MSB-5CON-M12/0,5 SCOX - Device connector rear mounting

1240001 Datasheet (HTML) - PHOENIX CONTACT


1240001 Product details

Device connector rear mounting, Universal, 5-position, Pin, straight, M12-SPEEDCON, coding:
B, on free cable end, Rear mounting, M12 x 1, Individual wires, cable length: 0.5 m, 0.34 mm2,
TPE litz wire, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• Standard pin assignments for signal and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1240001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1240000 PHOENIX-1240000 Datasheet
435Kb / 11P
SACC-DSI-MS-5CON-M12/0,5 SCOX - Device connector rear mounting
1240002 PHOENIX-1240002 Datasheet
400Kb / 11P
SACC-DSI-MSD-4CON-M12/0,5 SCOX - Device connector rear mounting
1240003 PHOENIX-1240003 Datasheet
312Kb / 9P
SACC-DSI-MS-8CON-M12/0,5 SCOX - Device connector rear mounting
1240004 PHOENIX-1240004 Datasheet
236Kb / 7P
SACC-DSIV-MSD-4CON-L180 SCOTHRX - Device connector rear mounting
1240005 PHOENIX-1240005 Datasheet
643Kb / 9P
SACC-DSIV-MSB-5CON-L180 SCO THRX - Device connector, rear mounting
More results


Similar Description - 1240001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1547931 PHOENIX-1547931 Datasheet
2Mb / 13P
SACC-DSI-FS-5CON-PG9/0,5 SCODC - Device connector, rear mounting
1436356 PHOENIX-1436356 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-PG9/0,5 P - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
1542703 PHOENIX-1542703 Datasheet
1Mb / 14P
SACC-DSI-MS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1542729 PHOENIX-1542729 Datasheet
2Mb / 14P
SACC-DSI-FS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1027697 PHOENIX-1027697 Datasheet
551Kb / 12P
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
1239967 PHOENIX-1239967 Datasheet
1Mb / 12P
SACC-DSI-FSB-5CON-PG9/ 0,5 SCOX - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com