Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2044 Datasheet (PDF) - Texas Instruments

TDP2044 Datasheet PDF - Texas Instruments
Part # TDP2044
Download  TDP2044 Download
File Size   1675.32 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP2044 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver with Cross-Point for USB Type-C

TDP2044 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP2044 Datasheet PDF - Texas Instruments

Part # TDP2044
Download  TDP2044 Click to download

File Size   1675.32 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP2044 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver with Cross-Point for USB Type-C

TDP2044 Datasheet (HTML) - Texas Instruments


TDP2044 Product details

1 Features
• Supports DisplayPort 2.1 up to 20Gbps (UHBR20)
• Designed for USB-C DP only (no USB 3.x) source
or sink with integrated cross-point mux
• Protocol agnostic linear equalizer supporting most
AC coupled interfaces up to 20Gbps
• Excellent electrical performance at 20Gbps
(10GHz Nyquist):
– 19dB equalization
– 1.8V DC linearity, 1.08V AC linearity
– –15 / –16dB Rx / Tx return loss
– –60dB NEXT, –43dB FEXT cross talk
– 70fs low additive RJ with PRBS data
• Transparent to DisplayPort 1.4 and 2.1 link training
• Single 3.3V supply with 160mW/chan active power
• Internal voltage regulator provides immunity to
supply noise
• High linearity easing DP compliance ratio tests
• High BW resulting excellent linear EQ curves
• Pin-strap, I2C or EEPROM programming
– 18 EQ boost and 5 flat gain settings
• TDP2044: 0°C to 70°C commercial temperature
• TDP2044I: –40°C to 85°C industrial temperature
• 4mm × 6mm, 40 pin WQFN package

2 Applications
• Desktop PC or motherboard
• PC, notebooks, and tablets
• Docking stations
• TV, gaming, home theater, and entertainment
• Pro audio, video, and signage
• Test and measurement
• Medical
• Flat panel monitors

3 Description
The TDP2044 is a four-channel low-power highperformance
linear repeater or redriver with integrated
cross-point to support VESA USB Type-C™ Alt Mode
applications designed to support DisplayPort 2.1 up to
20Gbps.
The TDP2044 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces or cables. The linear
data-paths of TDP2044 preserve transmit preset
signal characteristics. High bandwidth, low channelto-
channel cross-talk, low additive jitter and excellent
return loss makes the device almost a passive
element in the link, but with useful equalization. The
DisplayPort link training is effective through the linear
redriver that becomes part of the passive channel in
between source Tx and sink Rx. This transparency in
the link training protocol results in optimum electrical
link and lowest possible latency. The data-path of the
device uses an internally regulated power rail that
provides high immunity to any supply noise on the
board.
The device also has low AC and DC gain variation
providing consistent equalization in high volume
platform deployment.




Similar Part No. - TDP2044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004 TI2-TDP2004 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004-Q1 TI2-TDP2004-Q1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004IRNQR TI1-TDP2004IRNQR Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004IRNQT TI1-TDP2004IRNQT Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Similar Description - TDP2044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com