Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP20MB421 Datasheet (PDF) - Texas Instruments

TDP20MB421 Datasheet PDF - Texas Instruments
Part # TDP20MB421
Download  TDP20MB421 Download
File Size   2028.89 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP20MB421 DisplayPort 2.1 24Gbps 4-Channel Linear Redriver with 2:1 MUX

TDP20MB421 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP20MB421 Datasheet PDF - Texas Instruments

Part # TDP20MB421
Download  TDP20MB421 Click to download

File Size   2028.89 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP20MB421 DisplayPort 2.1 24Gbps 4-Channel Linear Redriver with 2:1 MUX

TDP20MB421 Datasheet (HTML) - Texas Instruments


TDP20MB421 Product details

1 Features
• Four channel DisplayPort 2.1 linear redriver or
repeater with integrated 2:1 MUX
• Supports embedded (eDP) and DisplayPort 2.1 up
to 20Gbps - RBR, HBRx, UHBRx
• Supports DP++ (also called an AC-coupled HDMI)
up to 24Gbps
• Protocol agnostic, linear equalizer supporting AC
coupled interfaces up to 24Gbps
• Single 3.3V supply
• Low 720mW active power for 4-channel operation
• Excellent electrical performance at 20Gbps
(10GHz Nyquist):
– 19dB equalization
– 1.8V DC linearity, 1.08V AC linearity
– -15dB / -16dB Rx / Tx return loss
– -60dB NEXT, -43dB FEXT crosstalk
– 70fs low additive RJ with PRBS data
• Low latency of 90ps
• Transparent to DisplayPort 1.4 and 2.1 link training
• Device configuration by pin control or SMBus / I2C
– 18EQ boost settings, 5 flat gain settings
• -40°C to 85°C temperature range
• 3.5 × 9mm 42 Pin 0.5mm pitch WQFN package

2 Applications
• Desktop PC and motherboard
• PC, notebooks, tablets
• Docking stations
• TV, gaming, home theater, and entertainment
• Pro audio, video, and signage
• Test and measurement
• Medical
• Flat panel monitors

3 Description
The TDP20MB421 is a 4-channel linear redriver
with an integrated 2:1 MUX. The low-power, highperformance
linear redriver is designed to support
DisplayPort 2.1 up to 20Gbps.
The TDP20MB421 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer opens an input
eye that is completely closed due to inter-symbol
interference (ISI) induced by an interconnect medium,
such as PCB traces. A CTLE receiver is followed
by a linear output driver. The linear data paths
of TDP20MB421 preserve the characteristics of
the transmit preset. High bandwidth, low channel-tochannel
crosstalk, low additive jitter, and excellent
return loss make the device almost a passive element
in the link. The DisplayPort link training is effective
through the device as the device becomes part of the
passive channel between the source Tx and sink Rx.
The device transparency in the link-training protocol
results in the best electrical link and lowest possible
latency. The data path of the device uses an internally
regulated power rail that provides high immunity to
supply noise on the board.
The TDP20MB421 implements high-speed testing
during production for reliable, high-volume
manufacturing. The device also has low AC and DC
gain variation, providing consistent equalization in
high-volume platform deployment.




Similar Part No. - TDP20MB421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004 TI2-TDP2004 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004-Q1 TI2-TDP2004-Q1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004IRNQR TI1-TDP2004IRNQR Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
TDP2004IRNQT TI1-TDP2004IRNQT Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Similar Description - TDP20MB421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
DS160PR412 TI-DS160PR412 Datasheet
3Mb / 37P
DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Texas Instruments
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com