Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82765-C5-A7 Datasheet (PDF) - EPCOS

B82765-C5-A7 Datasheet PDF - EPCOS
Part # B82765-C5-A7
Download  B82765-C5-A7 Download
File Size   143.8 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Quad Chokes

B82765-C5-A7 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82765-C5-A7 Datasheet PDF - EPCOS

Part # B82765-C5-A7
Download  B82765-C5-A7 Click to download

File Size   143.8 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Current-Compensated Ring Core Quad Chokes

B82765-C5-A7 Datasheet (HTML) - EPCOS


B82765-C5-A7 Product details

Rated voltage 440/250 Vac

Rated current 16 bis 75 A

Rated inductance 0,9 bis 1,8 mH



Features

■ Potting flame-retardant as per UL 94 V-0



Applications

■ Switch-mode power supplies for converters, UPS

■ Power supplies, medical equipment

■ Chargers

■ Traction applications



Construction

■ Current-compensated ring core quad choke with ferrite core

■ Aluminum case

■ Fixing by means of base plate

■ Polyurethane potting

■ Sector winding



 




Similar Part No. - B82765-C5-A7

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82765C EPCOS-B82765C Datasheet
217Kb / 7P
Power line chokes
B82765C0001A005 EPCOS-B82765C0001A005 Datasheet
217Kb / 7P
Power line chokes
B82765C0002A006 EPCOS-B82765C0002A006 Datasheet
217Kb / 7P
Power line chokes
B82765C0005A007 EPCOS-B82765C0005A007 Datasheet
217Kb / 7P
Power line chokes
B82765C0006A011 EPCOS-B82765C0006A011 Datasheet
217Kb / 7P
Power line chokes
More results


Similar Description - B82765-C5-A7

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
B82767S4123N030 TDK-B82767S4123N030 Datasheet
598Kb / 7P
Current-compensated ring core quad chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com