Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77728 Datasheet (PDF) - Microchip Technology

PD77728 Datasheet PDF - Microchip Technology
Part # PD77728
Download  PD77728 Download
File Size   2049.01 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Port PoE PSE Manager

PD77728 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD77728 Datasheet PDF - Microchip Technology

Part # PD77728
Download  PD77728 Click to download

File Size   2049.01 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Port PoE PSE Manager

PD77728 Datasheet (HTML) - Microchip Technology


PD77728 Product details

Introduction
The PD77728 device is a part of Microchip’s seventh generation IEEE® 802.3bt compliant Power over Ethernet(PoE) Power Sourcing Equipment (PSE) family. This device is a fully integrated 8-port PoE manager with integrated Field Effect Transistor (FET) switches and current sense resistors. Up to 12 devices can be cascaded to provide 48 4-pair ports. The device is available in a 56-pin 8 mm × 8 mm QFN package.

Features
The PD77728 device and PD77728 based PSE have the following key features:
• Supported Standards
– IEEE 802.3bt
• Supported PD Types
– Type 1, Type 2 PDs (802.3af, 802.3at)
– Single-Signature (Type 1–4) PDs
– Dual-Signature (Type 3 and 4) PDs
– Pre-Standard (Legacy) 4-pair PDs
– Supports non-compliant and legacy PDs
• Four Operational Modes
– Controller mode in conjunction with PD77020 PSE Power Management Controller
– Semi-Auto mode
– Managed Auto mode
– Unmanaged Auto mode
• Cascade up to 12 devices to support 96 × 2-pair ports or 48 × 4-pair ports and any 4-pair/2-pair combination
• Device Features
– Stand-Alone device supports up to 8 × 2-pair ports or 4 × 4-pair ports and any 4-pair/2-pair combination
– Per-Port integrated FET, sense resistor, and port diode
– Total port resistance of 160 mΩ
– Device power dissipation ≤ 2W at full load
– Two power rails (55V and 3.3V) for maximum power efficiency
– Guaranteed 4-pair output power of > 90W
– Over Supply Signal (OSS) support
– AutoClass support
– Supports Fast and Perpetual PoE
– MarkHold function support
– Host Interface through I2C Communication
• Real-Time Protection (RTP)
• Measurements
– Per-Port voltage and current measurement
– Accurate main power measurement
• Surge
– Surge up to 2 kV without additional components per IEC61000-4-5-2014
– Surge compliance, ITU-T K.21, GR1089, IE61000-4-5-2014, EN55024
• Up to 10 kV per IEC61000-4-5-2014
• Up to 6 kV per ITU-T K.21
• Physical Characteristics
– Ambient temperature range –40 °C to 85 °C
– 56-pin 8 mm × 8 mm QFN package with thermal pad
– MSL3, RoHS compliant

Applications
The PD77728-based PSE has the following typical applications:
• Campus switches
• Switches and routers for enterprises, small and medium businesses, Small Office Home Office (SOHO), and
commercial markets
• Switches for lighting markets
• PoE injectors




Similar Part No. - PD77728

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD77016GM-KMD RENESAS-PD77016GM-KMD Datasheet
445Kb / 58P
MOS INTEGRATED CIRCUIT
1995
logo
Microchip Technology
PD77020 MICROCHIP-PD77020 Datasheet
659Kb / 20P
PoE PSE Power Management Controller
Rev. A Date 08/2023
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results


Similar Description - PD77728

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com