Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77728 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 2 Page - Microchip Technology

  PD77728 Datasheet HTML 1Page - Microchip Technology PD77728 Datasheet HTML 2Page - Microchip Technology PD77728 Datasheet HTML 3Page - Microchip Technology PD77728 Datasheet HTML 4Page - Microchip Technology PD77728 Datasheet HTML 5Page - Microchip Technology PD77728 Datasheet HTML 6Page - Microchip Technology PD77728 Datasheet HTML 7Page - Microchip Technology PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
PD77728
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 2
Features
The PD77728 device and PD77728 based PSE have the following key features:
• Supported Standards
– IEEE 802.3bt
• Supported PD Types
– Type 1, Type 2 PDs (802.3af, 802.3at)
– Single-Signature (Type 1–4) PDs
– Dual-Signature (Type 3 and 4) PDs
– Pre-Standard (Legacy) 4-pair PDs
– Supports non-compliant and legacy PDs
• Four Operational Modes
– Controller mode in conjunction with PD77020 PSE Power Management Controller
– Semi-Auto mode
– Managed Auto mode
– Unmanaged Auto mode
• Cascade up to 12 devices to support 96 × 2-pair ports or 48 × 4-pair ports and any 4-pair/2-pair combination
• Device Features
– Stand-Alone device supports up to 8 × 2-pair ports or 4 × 4-pair ports and any 4-pair/2-pair combination
– Per-Port integrated FET, sense resistor, and port diode
– Total port resistance of 160 mΩ
– Device power dissipation ≤ 2W at full load
– Two power rails (55V and 3.3V) for maximum power efficiency
– Guaranteed 4-pair output power of > 90W
– Over Supply Signal (OSS) support
– AutoClass support
– Supports Fast and Perpetual PoE
– MarkHold function support
– Host Interface through I2C Communication
• Real-Time Protection (RTP)
• Measurements
– Per-Port voltage and current measurement
– Accurate main power measurement
• Surge
– Surge up to 2 kV without additional components per IEC61000-4-5-2014
– Surge compliance, ITU-T K.21, GR1089, IE61000-4-5-2014, EN55024
• Up to 10 kV per IEC61000-4-5-2014
• Up to 6 kV per ITU-T K.21
• Physical Characteristics
– Ambient temperature range –40 °C to 85 °C
– 56-pin 8 mm × 8 mm QFN package with thermal pad
– MSL3, RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com