Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD77728 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 17Page - Microchip Technology PD77728 Datasheet HTML 18Page - Microchip Technology PD77728 Datasheet HTML 19Page - Microchip Technology PD77728 Datasheet HTML 20Page - Microchip Technology PD77728 Datasheet HTML 21Page - Microchip Technology PD77728 Datasheet HTML 22Page - Microchip Technology PD77728 Datasheet HTML 23Page - Microchip Technology PD77728 Datasheet HTML 24Page - Microchip Technology PD77728 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PD77728
Application Information
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 21
5.1.2
Semi-Auto Mode
In the Semi-Auto mode, the device performs periodic connection check, detection, and classification,
but does not power-up the ports without a host command. Each device has initial PSE configuration
containing the Port Matrix (2P/4P configuration) and stores the port investigation results in the
memory for host control. The host can override these settings. In this mode, the PoE controller is
responsible for the periodic or cyclic detection and classification of the ports.
The following figure shows the Semi-Auto mode application.
Figure 5-2. Semi-Auto Mode Application
PD77728
PD77728
PD77728
PD77728
OSS (optional)
RESET_IN_N
A1
A2
A3
A4
A1 – A4:
Set I
2C device address
A1
A2
A3
A4
A1
A2
A3
A4
A1
A2
A3
A4
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
0 1 2 3 4 5 6 7
port_neg
VMAIN
VMAIN
VMAIN
VMAIN
3.3V
...
3.3V
3.3V
3.3V
10K
Isolation Barri
er
I2C
iso
dig
iso
10K
10K
10K
...
...
SDA
SCL
Host Processor
INT_OUT_N (optional)
...
AUTO
AUTO
AUTO
AUTO
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com