Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet (PDF) - NXP Semiconductors

SC28L202 Datasheet PDF - NXP Semiconductors
Part # SC28L202
Download  SC28L202 Download
File Size   531.77 Kbytes
Page   77 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal asynchronous receiver/transmitter DUART

SC28L202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC28L202 Datasheet PDF - NXP Semiconductors

Part # SC28L202
Download  SC28L202 Click to download

File Size   531.77 Kbytes
Page   77 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal asynchronous receiver/transmitter DUART

SC28L202 Datasheet (HTML) - NXP Semiconductors


SC28L202 Product details

DESCRIPTION
The 28L202 is a high performance dual UART. Its functional and programming features closely match but greatly extend those of previous Philips dual channel UARTs. Its configuration on power up is similar that of the SC26C92. Its differences from the SC26C92 are: 256–character receiver, 256 character transmit FIFOs, 3 and 5 volt compatibility, 8 I/O ports for each UART – 16 total, arbitrating interrupt system and overall faster buss and data speeds. It is fabricated in an advanced 0.5 micron CMOS process that allows stand by current of less that 10 microamperes.

FEATURES
• Member of IMPACT family: 3.3 to 5.0 volt , –40°C to +85°C and 68K for 80xxx bus interface for all devices.
• Dual full–duplex independent asynchronous receiver/transmitters
• 256 character FIFOs for each receiver and transmitter
• Powers up to 9600 baud, 1 stop bit, no parity, 1 stop bit, interrupt disabled, all I/O set to input.
• Pin programming to 68K or 80xxx bus interface
• Three character recognition system per channel, used as:
    – General purpose character recognition
    – Xon/Xoff character recognition
    – Address recognition Wake up (multi–drop or “9 bit”) mode
    – System provides 4 levels of automation on a recognition event
• Programmable data format
    – 5 to 8 data bits plus parity and 9 bit mode
    – Odd, even, no parity or force parity
    – 9/16,1, 1.5 or 2 stop bits
• 16–bit programmable Counter/Timer
• Programmable baud rate for each receiver and transmitter selectable from:
    – 27 fixed rates: 50 to 2.0 Meg baud (includes MIDDI rate)
    – Other baud rates via external clocks and C/T
    – Programmable user–defined rates derived from a programmable Counter/timer
    – External 1X or 16X clock
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
    – Normal (full–duplex)
    – Automatic echo
    – Local loop back
    – Remote loop back
    – Multi–drop mode (also called ‘wake–up’ or ‘9–bit’)
• Multi–function 8 bit I/O input port per channel loosely assigned to each channel.
    – Can serve as clock or control inputs
    – Change of state detection on eight inputs
    – Inputs have typically >100Mohm pull–up resistors
    – Modem and DMA interface
• Versatile arbitrating interrupt system
    – Interrupt system totally supports ‘single query’ polling
    – Output port can be configured to provide a total of up to six separate interrupt type outputs that may be wire ORed (switched to open drain).
    – Each FIFO can be independently programmed for any of 256 interrupt levels
    – Watch dog timer for each receiver
• Maximum data transfer rates: 1X – 3 Mb/sec, 16X – 2 Mb/sec
• Automatic wake–up mode for multi–drop applications
• Start–end break interrupt/status
• Detects break which originates in the middle of a character
• On–chip crystal oscillator
• Power down mode at less than 10 µa
• Receiver time–out mode
• Single +3.3V or +5V power supply




Similar Part No. - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L201 NXP-SC28L201 Datasheet
437Kb / 110P
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
SC28L201A1DGG NXP-SC28L201A1DGG Datasheet
437Kb / 110P
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Rev. 01-31 October 2005
More results


Similar Description - SC28L202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com