Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet (PDF) - NXP Semiconductors

SC26C92 Datasheet PDF - NXP Semiconductors
Part # SC26C92
Download  SC26C92 Download
File Size   203.44 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal asynchronous receiver/transmitter DUART

SC26C92 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC26C92 Datasheet PDF - NXP Semiconductors

Part # SC26C92
Download  SC26C92 Click to download

File Size   203.44 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual universal asynchronous receiver/transmitter DUART

SC26C92 Datasheet (HTML) - NXP Semiconductors


SC26C92 Product details

DESCRIPTION
The SC26C92 is a pin and function replacement for the SCC2692 and SCN2681 with added features and deeper FIFOs. Its configuration on power up is that of the 2692. Its differences from the 2692 are: 8 character receiver, 8 character transmit FIFOs, watch dog timer for each receiver, mode register 0 is added, extended baud rate and overall faster speeds, programmable receiver and transmitter interrupts. (The SCC2692 is not being discontinued.)

FEATURES
• Dual full-duplex independent asynchronous receiver/transmitters
• 8 character FIFOs for each receiver and transmitter
• Programmable data format
    – 5 to 8 data bits plus parity
    – Odd, even, no parity or force parity
    – 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
• 16-bit programmable Counter/Timer
• Programmable baud rate for each receiver and transmitter selectable from:
    – 27 fixed rates: 50 to 230.4k baud
    – Other baud rates to 230.4k baud at 16X
    – Programmable user-defined rates derived from a programmable counter/timer
    – External 1X or 16X clock
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
    – Normal (full-duplex)
    – Automatic echo
    – Local loopback
    – Remote loopback
    – Multidrop mode (also called ‘wake-up’ or ‘9-bit’)
• Multi-function 7-bit input port
    – Can serve as clock, modem, or control inputs
    – Change of state detection on four inputs
    – Inputs have typically >100k pull-up resistors
• Multi-function 8-bit output port
    – Individual bit set/reset capability
    – Outputs can be programmed to be status/interrupt signals
    – FIFO states for DMA and modem interface
• Versatile interrupt system
    – Single interrupt output with eight maskable interrupting conditions
    – Output port can be configured to provide a total of up to six separate wire-ORable interrupt outputs
    – Each FIFO can be programmed for four different interrupt levels
    – Watch dog timer for each receiver
• Maximum data transfer rates: 1X – 1Mb/sec, 16X – 1Mb/sec
• Automatic wake-up mode for multidrop applications
• Start-end break interrupt/status
• Detects break which originates in the middle of a character
• On-chip crystal oscillator
• Power down mode
• Receiver timeout mode
• Single +5V power supply
• Powers up to emulate SCC2692




Similar Part No. - SC26C92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C94 PHILIPS-SC26C94 Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC26C94A1A PHILIPS-SC26C94A1A Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC26C94A1N PHILIPS-SC26C94A1N Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC26C94C1A PHILIPS-SC26C94C1A Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
SC26C94C1N PHILIPS-SC26C94C1N Datasheet
211Kb / 33P
Quad universal asynchronous receiver/transmitter QUART
1995 May 1
More results


Similar Description - SC26C92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com