Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 2Page - NXP Semiconductors SC26C92 Datasheet HTML 3Page - NXP Semiconductors SC26C92 Datasheet HTML 4Page - NXP Semiconductors SC26C92 Datasheet HTML 5Page - NXP Semiconductors SC26C92 Datasheet HTML 6Page - NXP Semiconductors SC26C92 Datasheet HTML 7Page - NXP Semiconductors SC26C92 Datasheet HTML 8Page - NXP Semiconductors SC26C92 Datasheet HTML 9Page - NXP Semiconductors SC26C92 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
6
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range2
Note 4
°C
TSTG
Storage temperature range
-65 to +150
°C
VCC
Voltage from VCC to GND3
-0.5 to +7.0
V
VS
Voltage from any pin to GND3
-0.5 to VCC +0.5
V
PD
Package power dissipation (DIP40)
2.8
W
PD
Package power dissipation (PLCC44)
2.4
W
PD
Package power dissipation (PQFP44)
1.78
W
Derating factor above 25
_C (PDIP40)
22
mW/
_C
Derating factor above 25
_C (PLCC44)
19
mW/
_C
Derating factor above 25
_C (PQFP44)
14
mW/
_C
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range.
DC ELECTRICAL CHARACTERISTICS1, 2
VCC = 5V ± 10%, TA = –40_C to 85_C, unless otherwise specified.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
Input low voltage
0.8
V
VIH
Input high voltage (except X1/CLK)
–40 to +85
°C
2.5
V
VIH
Input high voltage (X1/CLK)
0.8 VCC
V
VOL
VOH
Output low voltage
Output high voltage (except OD outputs)3
IOL = 2.4mA
IOH = -400µA
VCC -0.5
0.4
V
V
IIX1PD
IILX1
IIHX1
X1/CLK input current - power down
X1/CLK input low current - operating
X1/CLK input high current - operating
VIN = 0 to VCC
VIN = 0
VIN = VCC
-0.5
-130
+0.5
130
µA
µA
µA
II
Input leakage current:
All except input port pins
Input port pins
VIN = 0 to VCC
VIN = 0 to VCC
-0.5
-8
+0.5
+0.5
µA
µA
IOZH
IOZL
Output off current high, 3-State data bus
Output off current low, 3-State data bus
VIN = VCC
VIN = 0V
–0.5
0.5
µA
µA
IODL
IODH
Open-drain output low current in off-state
Open-drain output high current in off-state
VIN = 0
VIN = VCC
–0.5
0.5
µA
µA
ICC
Power supply current4
Operating mode
Power down mode5
CMOS input levels
CMOS input levels
5
2
10
15
mA
mA
NOTES:
1. Parameters are valid over specified temperature range.
2. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
3. Test conditions for outputs: CL = 150pF, except interrupt outputs. Test conditions for interrupt outputs: CL = 50pF, RL = 2.7KΩ to VCC.
4. All outputs are disconnected. Inputs are switching between CMOS levels of VCC -0.2V and VSS + 0.2V.
5. See UART application note for power down currents of 5
µA or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com