Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 9Page - NXP Semiconductors SC26C92 Datasheet HTML 10Page - NXP Semiconductors SC26C92 Datasheet HTML 11Page - NXP Semiconductors SC26C92 Datasheet HTML 12Page - NXP Semiconductors SC26C92 Datasheet HTML 13Page - NXP Semiconductors SC26C92 Datasheet HTML 14Page - NXP Semiconductors SC26C92 Datasheet HTML 15Page - NXP Semiconductors SC26C92 Datasheet HTML 16Page - NXP Semiconductors SC26C92 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
13
Mode, command, clock select, and status registers are duplicated
for each channel to provide total independent operation and control.
Refer to Table 2 for register bit descriptions.
The reserved
registers at addresses H‘02’ and H‘0A’ should never be read during
normal operation since they are reserved for internal diagnostics.
Table 1.
SC26C92 Register Addressing
A3
A2
A1
A0
READ (RDN = 0)
WRITE (WRN = 0)
0
0
0
0
Mode Register A (MR0A, MR1A, MR2A)
Mode Register A (MR0A, MR1A, MR2A)
0
0
0
1
Status Register A (SRA)
Clock Select Register A (CSRA)
0
0
1
0
Reserved
Command Register A (CRA)
0
0
1
1
Rx Holding Register A (RxFIFOA)
Tx Holding Register A (TxFIFOA)
0
1
0
0
Input Port Change Register (IPCR)
Aux. Control Register (ACR)
0
1
0
1
Interrupt Status Register (ISR)
Interrupt Mask Register (IMR)
0
1
1
0
Counter/Timer Upper Value (CTU)
C/T Upper Preset Value (CTPU)
0
1
1
1
Counter/Timer Lower Value (CTL)
C/T Lower Preset Value (CTPL)
1
0
0
0
Mode Register B (MR0B, MR1B, MR2B)
Mode Register B (MR0B, MR1B, MR2B)
1
0
0
1
Status Register B (SRB)
Clock Select Register B (CSRB)
1
0
1
0
Reserved
Command Register B (CRB)
1
0
1
1
Rx Holding Register B (RxFIFOB)
Tx Holding Register B (TxFIFOB)
1
1
0
0
User Defined Flag/Status Flag
User Defined Flag/Status Flag
1
1
0
1
Input Ports IP0 to IP6
Output Port Conf. Register (OPCR)
1
1
1
0
Start Counter Command
Set Output Port Bits Command (SOP12)
1
1
1
1
Stop Counter Command
Reset Output Port Bits Command (ROP12)
NOTE:
The three MR Registers are accessed via the MR Pointer and Commands 1xh and Bxh. (Where “x” represents receiver and transmitter enable/
disable control)
The following named registers are the same for Channels
A and B
Mode Register
MRnA
MRnB
R/W
Status Register
SRA
SRB
R only
Clock Select
CSRA
CSRB
W only
Command Register
CRA
CRB
W only
Receiver FIFO
RxFIFOA
RxFIFOB
R only
Transmitter FIFO
TxFIFOA
TxFIFOB
W only
These registers control the functions which service both
Channels
Input Port Change Register
IPCR
R
Auxiliary Control Register
ACR
W
Interrupt Status Register
ISR
R
Interrupt Mask Register
IMR
W
Counter Timer Upper Value
CTU
R
Counter Timer Lower Value
CTL
R
Counter Timer Preset Upper
CTPU
W
Counter Timer Preset Lower
CTPL
W
Input Port Register
IPR
R
Output Configuration Register
OPCR
W
Set Output Port Bits
SOPR
W
Reset Output Port Bits
ROPR
W
Table 2.
Register Bit Formats
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MR0A, MR0B
MR0B[3:0] are
d
Rx WATCH
DOG
RxINT BIT 2
TxINT (1:0)
DON’T
CARE
BAUD RATE
EXTENDED II
TEST 2
BAUD RATE
EXTENDED 1
reserved
Returns F on read
0 = Disable
1 = Enable
See Tables in
MR0 description
Set to 0
Returns 1 on read
0 = Normal
1 = Extend II
Set to 0
0 = Normal
1 = Extend
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MR1A
MR1B
Rx CONTROLS
RTS
Rx INT
BIT 1
ERROR
MODE
PARITY MODE
PARITY
TYPE
BITS PER
CHARACTER
MR1B
0x00
0 = No
1 = Yes
0 = RxRDY
1 = FFULL
0 = Char
1 = Block
00 = With Parity
01 = Force Parity
10 = No Parity
11 = Multidrop Mode
0 = Even
1 = Odd
00 = 5
01 = 6
10 = 7
11 = 8
NOTE: *In block error mode, block error conditions must be cleared by using the error reset command (command 4x) or a receiver reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com