Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 15Page - NXP Semiconductors SC26C92 Datasheet HTML 16Page - NXP Semiconductors SC26C92 Datasheet HTML 17Page - NXP Semiconductors SC26C92 Datasheet HTML 18Page - NXP Semiconductors SC26C92 Datasheet HTML 19Page - NXP Semiconductors SC26C92 Datasheet HTML 20Page - NXP Semiconductors SC26C92 Datasheet HTML 21Page - NXP Semiconductors SC26C92 Datasheet HTML 22Page - NXP Semiconductors SC26C92 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
19
CRA – Channel A Command Register
CRA is a register used to supply commands to Channel A. Multiple
commands can be specified in a single write to CRA as long as the
commands are non-conflicting, e.g., the ‘enable transmitter’ and
‘reset transmitter’ commands cannot be specified in a single
command word.
CRA[7:4] – Miscellaneous Commands
Execution of the commands in the upper four bits of this register
must be separated by 3 X1 clock edges. Other reads or writes
(including writes tot he lower four bits) may be inserted to achieve
this separation.
CRA[7:4] – Command
0000 No command.
0001 Reset MR pointer. Causes the Channel A MR pointer to point
to MR1.
0010 Reset receiver. Resets the Channel A receiver as if a
hardware reset had been applied. The receiver is disabled
and the FIFO is flushed.
0011 Reset transmitter. Resets the Channel A transmitter as if a
hardware reset had been applied.
0100 Reset error status. Clears the Channel A Received Break, Parity
Error, and Overrun Error bits in the status register (SRA[7:4]).
Used in character mode to clear OE status (although RB, PE
and FE bits will also be cleared) and in block mode to clear all
error status after a block of data has been received.
0101 Reset Channel A break change interrupt. Causes the
Channel A break detect change bit in the interrupt status
register (ISR[2]) to be cleared to zero.
0110 Start break. Forces the TxDA output Low (spacing). If the
transmitter is empty the start of the break condition will be
delayed up to two bit times. If the transmitter is active the
break begins when transmission of the character is
completed. If a character is in the TxFIFO, the start of the
break will be delayed until that character, or any other loaded
subsequently are transmitted. The transmitter must be
enabled for this command to be accepted.
0111 Stop break. The TxDA line will go High (marking) within two
bit times. TxDA will remain High for one bit time before the
next character, if any, is transmitted.
1000 Assert RTSN. Causes the RTSN output to be asserted
(Low).
1001 Negate RTSN. Causes the RTSN output to be negated
(High).
1010 Set Timeout Mode On. The receiver in this channel will
restart the C/T as each receive character is transferred from
the shift register to the RxFIFO. The C/T is placed in the
counter mode, the START/STOP counter commands are
disabled, the counter is stopped, and the Counter Ready Bit,
ISR[3], is reset. (See also Watchdog timer description in the
receiver section.)
1011 Set MR pointer to ‘0’
1100 Disable Timeout Mode. This command returns control of the
C/T to the regular START/STOP counter commands. It does
not stop the counter, or clear any pending interrupts. After
disabling the timeout mode, a ‘Stop Counter’ command
should be issued to force a reset of the ISR(3) bit.
1101 Not used.
1110 Power Down Mode On. In this mode, the DUART oscillator is
stopped and all functions requiring this clock are suspended.
The execution of commands other than disable power down
mode (1111) requires a X1/CLK. While in the power down
mode, do not issue any commands to the CR except the
disable power down mode command. The contents of all
registers will be saved while in this mode. . It is
recommended that the transmitter and receiver be disabled
prior to placing the DUART into power down mode. This
command is in CRA only.
1111
Disable Power Down Mode. This command restarts the
oscillator. After invoking this command, wait for the oscillator
to start up before writing further commands to the CR. This
command is in CRA only. For maximum power reduction
input pins should be at VSS or VDD.
CRA[3] – Disable Channel A Transmitter
This command terminates transmitter operation and reset the
TxDRY and TxEMT status bits. However, if a character is being
transmitted or if a character is in the TxFIFO when the transmitter is
disabled, the transmission of the character(s) is completed before
assuming the inactive state.
CRA[2] – Enable Channel A Transmitter
Enables operation of the Channel A transmitter. The TxRDY and
TxEMT status bits will be asserted if the transmitter is idle.
CRA[1] – Disable Channel A Receiver
This command terminates operation of the receiver immediately – a
character being received will be lost. The command has no effect
on the receiver status bits or any other control registers. If the
special multidrop mode is programmed, the receiver operates even
if it is disabled. See Operation section.
CRA[0] – Enable Channel A Receiver
Enables operation of the Channel A receiver. If not in the special
wakeup mode, this also forces the receiver into the search for
start-bit state.
CRB – Channel B Command Register
CRB is a register used to supply commands to Channel B. Multiple
commands can be specified in a single write to CRB as long as the
commands are non-conflicting, e.g., the ‘enable transmitter’ and
‘reset transmitter’ commands cannot be specified in a single
command word.
The bit definitions for this register are identical to the bit definitions
for CRA, with the exception of commands “Ex” and “Fx” which are
used for power downmode. These two commands are not used in
CRB. All other control actions that apply to CRA also apply to CRB.
SRA – Channel A Status Register
SRA[7] – Channel A Received Break
This bit indicates that an all zero character of the programmed
length has been received without a stop bit. Only a single FIFO
position is occupied when a break is received: further entries to the
FIFO are inhibited until the RxDA line returns to the marking state
for at least one-half a bit time two successive edges of the internal
or external 1X clock. This will usually require a high time of one
X1 clock period or 3 X1 edges since the clock of the controller
is not synchronous to the X1 clock.
When this bit is set, the Channel A ‘change in break’ bit in the ISR
(ISR[2]) is set. ISR[2] is also set when the end of the break
condition, as defined above, is detected.
The break detect circuitry can detect breaks that originate in the
middle of a received character. However, if a break begins in the
middle of a character, it must persist until at least the end of the next
character time in order for it to be detected.
This bit is reset by command 4 (0100) written to the command
register or by receiver reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com