Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 12Page - NXP Semiconductors SC26C92 Datasheet HTML 13Page - NXP Semiconductors SC26C92 Datasheet HTML 14Page - NXP Semiconductors SC26C92 Datasheet HTML 15Page - NXP Semiconductors SC26C92 Datasheet HTML 16Page - NXP Semiconductors SC26C92 Datasheet HTML 17Page - NXP Semiconductors SC26C92 Datasheet HTML 18Page - NXP Semiconductors SC26C92 Datasheet HTML 19Page - NXP Semiconductors SC26C92 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
16
CTPU
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CTPU
0x06
C/T[15]
C/T[14]
C/T[13]
C/T[12]
C/T[11]
C/T[10]
C/T[9]
C/T[8]
0x06
CTPL
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CTPL
0x07
C/T[7]
C/T[6]
C/T[5]
C/T[4]
C/T[3]
C/T[2]
C/T[1]
C/T[0]
0x07
REGISTER DESCRIPTIONS Mode Registers
MR0 is accessed by setting the MR pointer to 0 via the command
register command B.
MR0A
MR0[7] – This bit controls the receiver watch dog timer. 0 = disable,
1 = enable. When enabled, the watch dog timer will generate a
receiver interrupt if the receiver FIFO has not been accessed within
64 bit times of the receiver 1X clock. This is used to alert the control
processor that data is in the RxFIFO that has not been read. This
situation may occur when the byte count of the last part of a
message is not large enough to generate an interrupt.
MR0[6] – Bit 2 of receiver FIFO interrupt level. This bit along with Bit
6 of MR1 sets the fill level of the 8 byte FIFO that generates the
receiver interrupt.
Table 3.
Receiver FIFO Interrupt Fill Level
MR0[6]
MR1[6]
Interrupt Condition
0
0
1 or more bytes in FIFO
(Rx RDY)
0
1
3 or more bytes in FIFO
1
0
6 or more bytes in FIFO
1
1
8 bytes in FIFO
(Rx FULL)
For the receiver these bits control the number of FIFO positions
empty when the receiver will attempt to interrupt. After the reset the
receiver FIFO is empty. The default setting of these bits cause the
receiver to attempt to interrupt when it has one or more bytes in it.
MR0[5:4] – Tx interrupt fill level.
Table 4.
Transmitter FIFO Interrupt Fill Level
MR0[5]
MR0[4]
Interrupt Condition
0
0
8 bytes empty
(Tx EMPTY)
0
1
4 or more bytes empty
1
0
6 or more bytes empty
1
1
1 or more bytes empty
(Tx RDY)
For the transmitter these bits control the number of FIFO positions
empty when the receiver will attempt to interrupt. After the reset the
transmit FIFO has 8 bytes empty. It will then attempt to interrupt as
soon as the transmitter is enabled. The default setting of the MR0
bits (00) condition the transmitter to attempt to interrupt only when it
is completely empty. As soon as one byte is loaded, it is no longer
empty and hence will withdraw its interrupt request.
MR0[3] – Not used. Should be set to 0.
MR0[2:0] – These bits are used to select one of the six baud rates
(see Table 5).
000
Normal mode
001
Extended mode I
100
Extended mode II
Other combinations should not be used
Note: MR0[3:0] are not used in channel B and should be set to 0.
MR1A
MR1A is accessed when the Channel A MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CR command 1. After reading or writing MR1A, the
pointer will point to MR2A.
MR1A[7] – Channel A Receiver Request-to-Send Control
(Flow Control)
This bit controls the deactivation of the RTSAN output (OP0) by the
receiver. This output is normally asserted by setting OPR[0] and
negated by resetting OPR[0].
MR1A[7] = 1 causes RTSAN to be negated (OP0 is driven to a ‘1’
[VCC]) upon receipt of a valid start bit if the Channel A FIFO is full.
This is the beginning of the reception of the ninth byte. If the FIFO is
not read before the start of the tenth byte, an overrun condition will
occur and the tenth byte will be lost. However, the bit in OPR[0] is
not reset and RTSAN will be asserted again when an empty FIFO
position is available. This feature can be used for flow control to
prevent overrun in the receiver by using the RTSAN output signal to
control the CTSN input of the transmitting device.
MR1[6] – Bit 1 of the receiver interrupt control. See description
under MR0[6].
MR1A[5] – Channel A Error Mode Select
This bit select the operating mode of the three FIFOed status bits
(FE, PE, received break) for Channel A. In the ‘character’ mode,
status is provided on a character-by-character basis; the status
applies only to the character at the top of the FIFO. In the ‘block’
mode, the status provided in the SR for these bits is the
accumulation (logical-OR) of the status for all characters coming to
the top of the FIFO since the last ‘reset error’ command for Channel
A was issued.
MR1A[4:3| – Channel A Parity Mode Select
If ‘with parity’ or ‘force parity’ is selected a parity bit is added to the
transmitted character and the receiver performs a parity check on
incoming data MR1A[4:3] = 11 selects Channel A to operate in the
special multidrop mode described in the Operation section.
MR1A[2] – Channel A Parity Type Select
This bit selects the parity type (odd or even) if the ‘with parity’ mode
is programmed by MR1A[4:3], and the polarity of the forced parity bit
if the ‘force parity’ mode is programmed. It has no effect if the ‘no
parity’ mode is programmed. In the special multidrop mode it
selects the polarity of the A/D bit.
MR1A[1:0] – Channel A Bits Per Character Select
This field selects the number of data bits per character to be
transmitted and received. The character length does not include the
start, parity, and stop bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com