Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 14Page - NXP Semiconductors SC26C92 Datasheet HTML 15Page - NXP Semiconductors SC26C92 Datasheet HTML 16Page - NXP Semiconductors SC26C92 Datasheet HTML 17Page - NXP Semiconductors SC26C92 Datasheet HTML 18Page - NXP Semiconductors SC26C92 Datasheet HTML 19Page - NXP Semiconductors SC26C92 Datasheet HTML 20Page - NXP Semiconductors SC26C92 Datasheet HTML 21Page - NXP Semiconductors SC26C92 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
18
applied via CRB. After reading or writing MR0B, the pointer will
point to MR1B.
The bit definitions for this register are identical to MR0A, except that
all control actions apply to the Channel B receiver and transmitter
and the corresponding inputs and outputs. MR0B[3:0] are reserved.
MR1B – Channel B Mode Register 1
MR1B is accessed when the Channel B MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CRB. After reading or writing MR1B, the pointer will
point to MR2B.
The bit definitions for this register are identical to MR1A, except that
all control actions apply to the Channel B receiver and transmitter
and the corresponding inputs and outputs.
MR2B – Channel B Mode Register 2
MR2B is accessed when the Channel B MR pointer points to MR2,
which occurs after any access to MR1B. Accesses to MR2B do not
change the pointer.
The bit definitions for mode register are identical to the bit
definitions for MR2A, except that all control actions apply to the
Channel B receiver and transmitter and the corresponding inputs
and outputs.
CSRA – Channel A Clock Select Register
CSRA[7:4] – Channel A Receiver Clock Select
This field selects the baud rate clock for the Channel A receiver.
The field definition is shown in Table 5.
CSRB[7:4]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP4-16X
IP4-1X
IP4-16X
IP4-1X
The receiver clock is always a 16X clock except for CSRB[7:4] = 1111.
CSRA[3:0] – Channel A Transmitter Clock Select
This field selects the baud rate clock for the Channel A transmitter.
The field definition is as shown in Table 5, except as follows:
CSRA[3:0]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP3-16X
IP3-1X
IP3-16X
IP3-1X
The transmitter clock is always a 16X clock except for CSR[3:0] = 1111.
CSRB – Channel B Clock Select Register
CSRB[7:4] – Channel B Receiver Clock Select
This field selects the baud rate clock for the Channel B receiver.
The field definition is as shown in Table 5, except as follows:
CSRB[7:4]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP6-16X
IP6-1X
IP6-16X
IP6-1X
The receiver clock is always a 16X clock except for CSRB[7:4] = 1111.
CSRB[3:0] – Channel B Transmitter Clock Select
This field selects the baud rate clock for the Channel B transmitter.
The field definition is as shown in Table 5, except as follows:
CSRB[3:0]
ACR[7] = 0
ACR[7] = 1
1110
1111
IP5-16X
IP5-1X
IP5-16X
IP5-1X
The transmitter clock is always a 16X clock except for
CSRB[3:0] = 1111.
Table 5.
Baud Rate (Base on a 3.6864MHz crystal clock)
MR0[0] = 0 (Normal Mode)
MR0[0] = 1 (Extended Mode I)
MR0[2] = 1 (Extended Mode II)
CSRA[7:4]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0000
50
75
300
450
4,800
7,200
0001
110
110
110
110
880
880
0010
134.5
134.5
134.5
134.5
1,076
1,076
0011
200
150
1200
900
19.2K
14.4K
0100
300
300
1800
1800
28.8K
28.8K
0101
600
600
3600
3600
57.6K
57.6K
0110
1,200
1,200
7200
7,200
115.2K
115.2K
0111
1,050
2,000
1,050
2,000
1,050
2,000
1000
2,400
2,400
14.4K
14.4K
57.6K
57.6K
1001
4,800
4,800
28.8K
28.8K
4,800
4,800
1010
7,200
1,800
7,200
1,800
57.6K
14.4K
1011
9,600
9,600
57.6K
57.6K
9,600
9,600
1100
38.4K
19.2K
230.4K
115.2K
38.4K
19.2K
1101
Timer
Timer
Timer
Timer
Timer
Timer
1110
IP4-16X
IP4-16X
IP4-16X
IP4-16X
IP4-16X
IP4-16X
1111
IP4-1X
IP4-1X
IP4-1X
IP4-1X
IP4-1X
IP4-1X
NOTE: The receiver clock is always a 16X clock except for CSRA[7:4] = 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com