Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC26C92 Datasheet HTML 1Page - NXP Semiconductors SC26C92 Datasheet HTML 2Page - NXP Semiconductors SC26C92 Datasheet HTML 3Page - NXP Semiconductors SC26C92 Datasheet HTML 4Page - NXP Semiconductors SC26C92 Datasheet HTML 5Page - NXP Semiconductors SC26C92 Datasheet HTML 6Page - NXP Semiconductors SC26C92 Datasheet HTML 7Page - NXP Semiconductors SC26C92 Datasheet HTML 8Page - NXP Semiconductors SC26C92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
5
PIN DESCRIPTION
SYMBOL
PKG
PIN
NAME AND FUNCTION
SYMBOL
40,44
TYPE
NAME AND FUNCTION
D0-D7
X
I/O
Data Bus: Bidirectional 3-State data bus used to transfer commands, data and status between the DUART
and the CPU. D0 is the least significant bit.
CEN
X
I
Chip Enable: Active-Low input signal. When Low, data transfers between the CPU and the DUART are
enabled on D0-D7 as controlled by the WRN, RDN and A0-A3 inputs. When High, places the D0-D7 lines
in the 3-State condition.
WRN
X
I
Write Strobe: When Low and CEN is also Low, the contents of the data bus is loaded into the addressed
register. The transfer occurs on the rising edge of the signal.
RDN
X
I
Read Strobe: When Low and CEN is also Low, causes the contents of the addressed register to be
presented on the data bus. The read cycle begins on the falling edge of RDN.
A0-A3
X
I
Address Inputs: Select the DUART internal registers and ports for read/write operations.
RESET
X
I
Reset: A High level clears internal registers (SRA, SRB, IMR, ISR, OPR, OPCR), puts OP0-OP7 in the
High state, stops the counter/timer, and puts Channels A and B in the inactive state, with the TxDA and
TxDB outputs in the mark (High) state. Sets MR pointer to MR1 and resets MR0.
INTRN
X
O
Interrupt Request: Active-Low, open-drain, output which signals the CPU that one or more of the eight
maskable interrupting conditions are true. Requires a pullup resistor.
X1/CLK
X
I
Crystal 1: Crystal connection or an external clock input. A crystal of a clock the appropriate frequency
(nominally 3.6864 MHz) must be supplied at all times. For crystal connections see Figure 7, Clock Timing.
X2
X
I
Crystal 2: Crystal connection. See Figure 7. If a crystal is not used this pin must be left open or not driving
more than one TTL equivalent load.
RxDA
X
I
Channel A Receiver Serial Data Input: The least significant bit is received first. “Mark” is High, “space” is Low.
RxDB
X
I
Channel B Receiver Serial Data Input: The least significant bit is received first. “Mark” is High, “space” is Low.
TxDA
X
O
Channel A Transmitter Serial Data Output: The least significant bit is transmitted first. This output is held
in the “mark” condition when the transmitter is disabled, idle or when operating in local loopback mode.
“Mark” is High, “space” is Low.
TxDB
X
O
Channel B Transmitter Serial Data Output: The least significant bit is transmitted first. This output is
held in the ‘mark’ condition when the transmitter is disabled, idle, or when operating in local loopback mode.
‘Mark’ is High, ‘space’ is Low.
OP0
X
O
Output 0: General purpose output or Channel A request to send (RTSAN, active-Low). Can be
deactivated automatically on receive or transmit.
OP1
X
O
Output 1: General purpose output or Channel B request to send (RTSBN, active-Low). Can be
deactivated automatically on receive or transmit.
OP2
X
O
Output 2: General purpose output, or Channel A transmitter 1X or 16X clock output, or Channel A receiver
1X clock output.
OP3
X
O
Output 3: General purpose output or open-drain, active-Low counter/timer output or Channel B transmitter
1X clock output, or Channel B receiver 1X clock output.
OP4
X
O
Output 4: General purpose output or Channel A open-drain, active-Low, RxA interrupt ISR[1] output.
OP5
X
O
Output 5: General purpose output or Channel B open-drain, active-Low, RxB interrupt ISR[5] output.
OP6
X
O
Output 6: General purpose output or Channel A open-drain, active-Low, TxA interrupt ISR[0] output.
OP7
X
O
Output 7: General purpose output, or Channel B open-drain, active-Low, TxB interrupt ISR[4] output.
IP0
X
I
Input 0: General purpose input or Channel A clear to send active-Low input (CTSAN). Pin has an internal
VCC pull-up device supplying 1 to 4 mA of current.
IP1
X
I
Input 1: General purpose input or Channel B clear to send active-Low input (CTSBN). Pin has an internal
VCC pull-up device supplying 1 to 4 mA of current.
IP2
X
I
Input 2: General purpose input or counter/timer external clock input. Pin has an internal VCC pull-up device
supplying 1 to 4
mA of current.
IP3
X
I
Input 3: General purpose input or Channel A transmitter external clock input (TxCA). When the external
clock is used by the transmitter, the transmitted data is clocked on the falling edge of the clock. Pin has an
internal VCC pull-up device supplying 1 to 4 mA of current.
IP4
X
I
Input 4: General purpose input or Channel A receiver external clock input (RxCA). When the external
clock is used by the receiver, the received data is sampled on the rising edge of the clock. Pin has an
internal VCC pull-up device supplying 1 to 4 mA of current.
IP5
X
I
Input 5: General purpose input or Channel B transmitter external clock input (TxCB). When the external
clock is used by the transmitter, the transmitted data is clocked on the falling edge of the clock. Pin has an
internal VCC pull-up device supplying 1 to 4 mA of current.
IP6
X
I
Input 6: General purpose input or Channel B receiver external clock input (RxCB). When the external
clock is used by the receiver, the received data is sampled on the rising edge of the clock. Pin has an
internal VCC pull-up device supplying 1 to 4 mA of current.
VCC
X
I
Power Supply: +5V supply input.
GND
X
I
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com