Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 7Page - NXP Semiconductors SC26C92 Datasheet HTML 8Page - NXP Semiconductors SC26C92 Datasheet HTML 9Page - NXP Semiconductors SC26C92 Datasheet HTML 10Page - NXP Semiconductors SC26C92 Datasheet HTML 11Page - NXP Semiconductors SC26C92 Datasheet HTML 12Page - NXP Semiconductors SC26C92 Datasheet HTML 13Page - NXP Semiconductors SC26C92 Datasheet HTML 14Page - NXP Semiconductors SC26C92 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
11
seen. At this point the host has approximately 6/16–bit time to read
a byte from the RxFIFO or the overrun condition will be set. The
10th character then overruns the 9th and the 11th the 10th and so on
until an open position in the RxFIFO is seen. (“seen” meaning at
least one byte was read from the RxFIFO.)
Overrun is cleared by a use of the “error reset” command in the
command register.
The fundamental meaning of the overrun is that data has been lost.
Data in the RxFIFO remains valid. The receiver will begin placing
characters in the RxFIFO as soon as a position becomes vacant.
Note: Precaution must be taken when reading an overrun FIFO.
There will be 8 valid characters in the receiver FIFO. There will
be one character in the receiver shift register. However it will
NOT be known if more than one “over–running” character has
been received since the overrun bit was set. The 9th character
is received and read as valid but it will not be known how many
characters were lost between the two characters of the 8th and
9th reads of the RxFIFO
The ”Change of break” means that either a break has been detected
or that the break condition has been cleared. This bit is available in
the ISR. The break change bit being set in the ISR and the received
break bit being set in the SR will signal the beginning of a break. At
the termination of the break condition only the change of break in
the ISR will be set. After the break condition is detected the ter-
mination of the break will only be recognized when the RxD input
has returned to the high state for two successive edges of the 1x
clock; 1/2 to 1 bit time (see above).
The receiver is disabled by reset or via CR commands. A disabled
receiver will not interrupt the host CPU under any circumstance in
the normal mode of operation. If the receiver is in the multi–drop or
special mode, it will be partially enabled and thus may cause an
interrupt. Refer to section on Wake–Up and the register description
for MR1 for more information.
Receiver Status Modes (block and character)
In addition to the data word, three status bits (parity error, framing
error, and received break) are also appended to each data character
in the FIFO (overrun is not). Status can be provided in two ways, as
programmed by the error mode control bit in the mode register. In
the ‘character’ mode, status is provided on a character–by–charac-
ter basis; the status applies only to the character at the top of the
FIFO. In the ‘block’ mode, the status provided in the SR for these
three bits is the logical–OR of the status for all characters coming to
the top of the FIFO since the last ‘reset error’ command was issued.
In either mode reading the SR does not affect the FIFO. The FIFO
is ‘popped’ only when the RxFIFO is read. Therefore the status
register should be read prior to reading the FIFO.
Receiver Flow Control
The receiver can control the deactivation of RTS. If programmed to
operate in this mode, the RTSN output will be negated when a valid
start bit was received and the FIFO is full. When a FIFO position
becomes available, the RTSN output will be re–asserted automati-
cally. This feature can be used to prevent an overrun, in the receiv-
er, by connecting the RTSN output to the CTSN input of the
transmitting device.
Note: The transmitter may also control the “RTSN” pin. When
under transmitter control the meaning is completely changed.
The meaning is the transmission has ended. This signal is
usually used to switch (turnaround) a bi–directional driver from
transmit to receive.
If the receiver is disabled, the FIFO characters can be read. Howev-
er, no additional characters can be received until the receiver is
enabled again. If the receiver is reset, the FIFO and all of the re-
ceiver status, and the corresponding output ports and interrupt are
reset. No additional characters can be received until the receiver is
enabled again.
Receiver Reset and Disable
Receiver disable stops the receiver immediately – data being
assembled in the receiver shift register is lost. Data and status in
the FIFO is preserved and may be read. A re-enable of the receiver
after a disable will cause the receiver to begin assembling
characters at the next start bit detected. A receiver reset will discard
the present shift register date, reset the receiver ready bit (RxRDY),
clear the status of the byte at the top of the FIFO and re-align the
FIFO read/write pointers.
A ‘watchdog timer’ is associated with each receiver. Its interrupt is
enabled by MR0[7]. The purpose of this timer is to alert the control
processor that characters are in the RxFIFO which have not been
read and/or the data stream has stopped. This situation may occur
at the end of a transmission when the last few characters received
are not sufficient to cause an interrupt.
This counter times out after 64 bit times. It is reset each time a
character is transferred from the receiver shift register to the
RxFIFO or a read of the RxFIFO is executed.
Receiver Timeout Mode
In addition to the watch dog timer described in the receiver section,
the counter/timer may be used for a similar function. Its
programmability, of course, allows much greater precision of time
out intervals.
The timeout mode uses the received data stream to control the
counter. Each time a received character is transferred from the shift
register to the RxFIFO, the counter is restarted. If a new character
is not received before the counter reaches zero count, the counter
ready bit is set, and an interrupt can be generated. This mode can
be used to indicate when data has been left in the RxFIFO for more
than the programmed time limit. Otherwise, if the receiver has been
programmed to interrupt the CPU when the receive FIFO is full, and
the message ends before the FIFO is full, the CPU may not know
there is data left in the FIFO. The CTU and CTL value would be
programmed for just over one character time, so that the CPU would
be interrupted as soon as it has stopped receiving continuous data.
This mode can also be used to indicate when the serial line has
been marking for longer than the programmed time limit. In this
case, the CPU has read all of the characters from the FIFO, but the
last character received has started the count. If there is no new
data during the programmed time interval, the counter ready bit will
get set, and an interrupt can be generated.
The timeout mode is enabled by writing the appropriate command to
the command register. Writing an ‘Ax’ to CRA or CRB will invoke
the timeout mode for that channel. Writing a ‘Cx’ to CRA or CRB will
disable the timeout mode. The timeout mode should only be used
by one channel at once, since it uses the C/T. If, however, the
timeout mode is enabled from both receivers, the timeout will occur
only when both receivers have stopped receiving data for the
timeout period. CTU and CTL must be loaded with a value greater
than the normal receive character period. The timeout mode
disables the regular START/STOP Counter commands and puts the
C/T into counter mode under the control of the received data stream.
Each time a received character is transferred from the shift register
to the RxFIFO, the C/T is stopped after 1 C/T clock, reloaded with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com