Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC26C92 Datasheet HTML 1Page - NXP Semiconductors SC26C92 Datasheet HTML 2Page - NXP Semiconductors SC26C92 Datasheet HTML 3Page - NXP Semiconductors SC26C92 Datasheet HTML 4Page - NXP Semiconductors SC26C92 Datasheet HTML 5Page - NXP Semiconductors SC26C92 Datasheet HTML 6Page - NXP Semiconductors SC26C92 Datasheet HTML 7Page - NXP Semiconductors SC26C92 Datasheet HTML 8Page - NXP Semiconductors SC26C92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
3
NOTE:
1. Commercial devices are tested for the –40 to +85
_C.
PIN CONFIGURATIONS
PIN/FUNCTION
PIN/FUNCTION
1NC
23 NC
2
A0
24 INTRN
3
IP3
25 D6
4A1
26 D4
5
IP1
27 D2
6A2
28 D0
7
A3
29 OP6
8
IP0
30 OP4
9
WRN
31 OP2
10 RDN
32 OP0
11
RXDB
33 TXDA
12 NC
34 NC
13 TXDB
35 RXDA
14 OP1
36 X1/CLK
15 OP3
37 X2
16 OP5
38 RESET
17 OP7
39 CEN
18 D1
40 IP2
19 D3
41 IP6
20 D5
42 IP5
21 D7
43 IP4
22 VSS
44 VCC
SD00667
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
DIP
VCC
IP4
IP5
IP6
IP2
CEN
RESET
X2
X1/CLK
RxDA
TxDA
OP0
OP2
OP4
OP6
D0
D2
D4
D6
INTRN
A0
IP3
A1
IP1
A2
A3
IP0
WRN
RDN
RxDB
TxDB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
VSS
1
39
17
28
40
29
18
7
PLCC
6
TOP VIEW
INDEX
CORNER
PIN/FUNCTION
PIN/FUNCTION
1
A3
23 N/C
2
IP0
24 OP6
3
WRN
25 OP4
4
RDN
26 OP2
5
RxDB
27 OP0
6
TxDB
28 TxDA
7
OP1
29 RxDA
8
OP3
30 X1/CLK
9
OP5
31 X2
10 OP7
32 RESET
11
N/C
33 CEN
12 D1
34 IP2
13 D3
35 IP6
14 D5
36 IP5
15 D7
37 IP4
16 GND
38 VCC
17 GND
39 VCC
18 INTRN
40 A0
19 D6
41 IP3
20 D4
42 A1
21 D2
43 IP1
22 D0
44 A2
33
11
22
34
23
12
1
PQFP
44
TOP VIEW
Figure 1. Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com