Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 23Page - NXP Semiconductors SC26C92 Datasheet HTML 24Page - NXP Semiconductors SC26C92 Datasheet HTML 25Page - NXP Semiconductors SC26C92 Datasheet HTML 26Page - NXP Semiconductors SC26C92 Datasheet HTML 27Page - NXP Semiconductors SC26C92 Datasheet HTML 28Page - NXP Semiconductors SC26C92 Datasheet HTML 29Page - NXP Semiconductors SC26C92 Datasheet HTML 30Page - NXP Semiconductors SC26C92 Datasheet HTML 31Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Dual universal asynchronous receiver/transmitter
(DUART)
Philips Semiconductors
Product specification
SC26C92
2000 Jan 31
30
QFP44:
plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com