Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC26C92 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 20Page - NXP Semiconductors SC26C92 Datasheet HTML 21Page - NXP Semiconductors SC26C92 Datasheet HTML 22Page - NXP Semiconductors SC26C92 Datasheet HTML 23Page - NXP Semiconductors SC26C92 Datasheet HTML 24Page - NXP Semiconductors SC26C92 Datasheet HTML 25Page - NXP Semiconductors SC26C92 Datasheet HTML 26Page - NXP Semiconductors SC26C92 Datasheet HTML 27Page - NXP Semiconductors SC26C92 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
24
NOTES:
1.
INTRN or OP3-OP7 when used as interrupt outputs.
2.
The test for open-drain outputs is intended to guarantee switching of the output transistor. Measurement of this response is referenced from the midpoint of the switching
signal, VM, to a point 0.5V above VOL. This point represents noise margin that assures true switching has occurred. Beyond this level, the effects of external circuitry and
test environment are pronounced and can greatly affect the resultant measurement.
VM
VOL +0.5V
VOL
WRN
INTERRUPT1
OUTPUT
tIR
VM
VOL +0.5V
VOL
RDN
INTERRUPT1
OUTPUT
tIR
SD00136
Figure 6. Interrupt Timing
C1 = C2
∼ 24pF FOR CL = 20pF
tCLK
tCTC
tRx
tTx
X1/CLK
CTCLK
RxC
TxC
tCLK
tCTC
tRx
tTx
+5V
470
Ω
X1
X2*
CLK
*NOTE: X2 MUST BE LEFT OPEN.
X2
3.6864MHz
X1
C1
C2
SC26C92
NOTE:
RESISTOR REQUIRED
FOR TTL INPUT.
TO UART
CIRCUIT
50k
Ω
to
100k
Ω
3pF
3pF
C1 and C2 should be chosen according to the crystal manufacturer’s specification.
C1 and C2 values will include any parasitic capacitance of the wiring and X1 X2 pins.
Gain at 3.6864MHz: 9 to 13 dB
Phase at 3.6864MHz: 272 to 276 degrees.
2pF
4pF
Package capacitance approximately 4pF.
SD00697
Figure 7. Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com