Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet (PDF) - NXP Semiconductors

SC28L92 Datasheet PDF - NXP Semiconductors
Part # SC28L92
Download  SC28L92 Download
File Size   349.31 Kbytes
Page   73 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)

SC28L92 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC28L92 Datasheet PDF - NXP Semiconductors

Part # SC28L92
Download  SC28L92 Click to download

File Size   349.31 Kbytes
Page   73 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)

SC28L92 Datasheet (HTML) - NXP Semiconductors


SC28L92 Product details

General description
The SC28L92 is a pin and function replacement for the SCC2692 and SC26C92 operating at 3.3 V or 5 V supply with added features and deeper FIFOs. Its configuration on power-up is that of the SC26C92.

Features
■ Member of IMPACT family: 3.3 V to 5.0 V, −40 °C to +85 °C and 68xxx or 80xxx bus interface for all devices
■ Dual full-duplex independent asynchronous receiver/transmitters
■ 16 character FIFOs for each receiver and transmitter
■ Pin programming selects 68xxx or 80xxx bus interface
■ Programmable data format
    ◆ 5 data to 8 data bits plus parity
    ◆ Odd, even, no parity or force parity
    ◆ 1 stop, 1.5 stop or 2 stop bits programmable in 1⁄16-bit increments
■ 16-bit programmable counter/timer
■ Programmable baud rate for each receiver and transmitter selectable from:
    ◆ 28 fixed rates: 50 kBd to 230.4 kBd
    ◆ Other baud rates to 1 MHz at 16×
    ◆ Programmable user-defined rates derived from a programmable counter/timer
    ◆ External 1× or 16× clock
■ Parity, framing, and overrun error detection
■ False start bit detection
■ Line break detection and generation
■ Programmable channel mode
    ◆ Normal (full-duplex)
    ◆ Automatic echo
    ◆ Local loopback
    ◆ Remote loopback
    ◆ Multi-drop mode (also called wake-up or 9-bit)
■ Multi-function 7-bit input port (includes IACKN)
    ◆ Can serve as clock or control inputs
    ◆ Change of state detection on four inputs
    ◆ Inputs have typically > 100 kΩ pull-up resistors
    ◆ Change of state detectors for modem control
■ Multi-function 8-bit output port
    ◆ Individual bit set/reset capability
    ◆ Outputs can be programmed to be status/interrupt signals
    ◆ FIFO status for DMA interface
■ Versatile interrupt system
    ◆ Single interrupt output with eight maskable interrupting conditions
    ◆ Output port can be configured to provide a total of up to six separate interrupt outputs that may be wire ORed
    ◆ Each FIFO can be programmed for four different interrupt levels
    ◆ Watchdog timer for each receiver
■ Maximum data transfer rates: 1× - 1 Mbit/s, 16× - 1 Mbit/s
■ Automatic wake-up mode for multi-drop applications
■ Start-end break interrupt/status
■ Detects break which originates in the middle of a character
■ On-chip crystal oscillator
■ Power-down mode
■ Receiver time-out mode
■ Single 3.3 V or 5 V power supply
■ Powers up to emulate SC26C92




Similar Part No. - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1A PHILIPS-SC28L92A1A Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92A1B PHILIPS-SC28L92A1B Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
More results


Similar Description - SC28L92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
logo
Texas Instruments
TL28L92 TI-TL28L92 Datasheet
717Kb / 61P
3.3-V/5-V Dual Universal Asynchronous Receiver/Transmitter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com