Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5523 Datasheet (PDF) - Analog Devices

ADL5523 Datasheet PDF - Analog Devices
Part # ADL5523
Download  ADL5523 Download
File Size   376.03 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz - 4 GHz Low Noise Amplifier

ADL5523 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5523 Datasheet PDF - Analog Devices

Part # ADL5523
Download  ADL5523 Click to download

File Size   376.03 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz - 4 GHz Low Noise Amplifier

ADL5523 Datasheet (HTML) - Analog Devices


ADL5523 Product details

GENERAL DESCRIPTION

The ADL5523 is a high performance GaAs pHEMT low noise amplifier. It provides high gain and low noise figure for single downconversion IF sampling receiver architectures as well as direct-downconversion receivers.

The ADL5523 provides a high level of integration by incorporating the active bias and the dc blocking capacitors, making it very easy to use while not sacrificing design flexibility.

The ADL5523 is easy to tune, requiring only a few external components. The device can support operation from 3 V to 5 V, and the current draw can be adjusted with the external bias resistor for applications requiring very low power consumption.



FEATURES

  Operation from 400 MHz to 4000 MHz

  Noise figure of 0.8 dB at 900 MHz

  Requires few external components

  Integrated active bias control circuit

  Integrated dc blocking capacitors

  Adjustable bias for low power applications

  Single-supply operation from 3 V to 5 V

  Gain of 21.5 dB at 900 MHz

  OIP3 of 34.0 dBm at 900 MHz

  P1dB of 21.0 dBm at 900 MHz

  Small footprint LFCSP

  Pin-compatible version with 20.8 dB gain available



 




Similar Part No. - ADL5523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523 AD-ADL5523 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523 AD-ADL5523 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523 Datasheet
677Kb / 21P
Low Noise Amplifier
Sep-2017
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Similar Description - ADL5523

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-400 MINI-ZRL-400 Datasheet
184Kb / 1P
Low Noise Amplifier 50??150 to 400 MHz
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
Analog Devices
ADL5521 AD-ADL5521 Datasheet
496Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com