Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet (PDF) - Analog Devices

ADL5521 Datasheet PDF - Analog Devices
Part # ADL5521
Download  ADL5521 Download
File Size   496.97 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz - 4 GHz Low Noise Amplifier

ADL5521 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5521 Datasheet PDF - Analog Devices

Part # ADL5521
Download  ADL5521 Click to download

File Size   496.97 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz - 4 GHz Low Noise Amplifier

ADL5521 Datasheet (HTML) - Analog Devices


ADL5521 Product details

GENERAL DESCRIPTION
The ADL5521 is a high performance GaAs pHEMT low-noise amplifier. It provides high gain and low noise figure for single down-conversion IF sampling receiver architectures as well as direct down conversion receivers.
The ADL5521 amplifier comes in a compact, thermally enhanced 3x3mm LFCSP package and operates over the temperature range of −40°C to +85°C.

FEATURES
   Gain of 15.3dB at 1950MHz
   Matched 50-Ω input and output
   Noise Figure of 0.8dB at 1950MHz
   OIP3 of 35.3dBm typ at 1950MHz
   Single 5V Supply Operation
   Operating current of 65ma at +5V
   LFCSP 3x3 mm Package




Similar Part No. - ADL5521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521 AD-ADL5521 Datasheet
1Mb / 24P
Low Noise Amplifier
Aug-2017
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
1Mb / 24P
Low Noise Amplifier
Aug-2017
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
More results


Similar Description - ADL5521

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-400 MINI-ZRL-400 Datasheet
184Kb / 1P
Low Noise Amplifier 50??150 to 400 MHz
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
Analog Devices
ADL5523 AD-ADL5523 Datasheet
376Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com