Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 3 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Technical Data
ADL5521
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
5.5 V
Max RF Input Level
TBD
Internal Power Dissipation
TBD mW
θJA (Exposed paddle soldered down)
TBD mW
θJA (Exposed paddle not soldered down)
TBD°C/W
θJC (At exposed paddle)
TBD°C/W
Maximum Junction Temperature
TBD°C/W
Operating Temperature Range
TBD°C
Storage Temperature Range
–40°C to +85°C
Lead Temperature Range
–65°C to +150°C
(Soldering 60 sec)
ESD CAUTION
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
listed in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. Pr
A | Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com