Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 2 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ADL5521
Preliminary Technical Data
SPECIFICATIONS
VS = 5 V, T = 25°C , fC= 1950MHz
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
Input return loss
External match
12
dB
Output return loss
External match
20.7
dB
Gain
15.3
dB
Gain Flatness
In the [1920 – 1980] frequency band
0.015
dB/MHz
Gain vs. Temperature
In the [1920 – 1980] frequency band
0.018
dB/degC
Noise Figure
0.8
dB
Output IP3
35.3
dBm
Output 1 dB Compression Point
22.5
dBm
S12 Isolation
21.4
dB
POWER-INTERFACE
Supply Voltage
4.5
5
5.5
V
Current Consumption
65
TBD
mA
Rev. Pr
A | Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com