Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 4 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADL5521
Preliminary Technical Data
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
INP
1
2
3
4
5
6
7
8
OUT
NC
NC
VBIAS
NC
NC
VDD
ADL5521
top view
(not to scale)
Exposed pad
Figure 2. 8-Lead LFCSP
Table 3. Pin Function Descriptions- 8Lead CSP
Pin No.
Mnemonic
Description
1
VBIAS
Bias: Internal DC bias
2
INP
RF Input: Must be AC-coupled.
3,4,5,6
NC
NC: No internal connection
7
OUT
RF Output: Must be AC-coupled.
8
Exposed pad
VDD
EP
Supply: VDD bias needs to be bypassed to ground using
low-inductance capacitors.
Exposed Paddle: Connect to a low impedance ground plane
Rev. Pr
A | Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com