Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 1 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
400 MHz – 4 GHz Low Noise Amplifier
Preliminary Technical Data
ADL5521
FEATURES
Gain of 15.3dB at 1950MHz
Matched 50-
Ω input and output
Noise Figure of 0.8dB at 1950MHz
OIP3 of 35.3dBm typ at 1950MHz
Single 5V Supply Operation
Operating current of 65ma at +5V
LFCSP 3x3 mm Package
GENERAL DESCRIPTION
The ADL5521 is a high performance GaAs pHEMT low-noise
amplifier. It provides high gain and low noise figure for single
down-conversion IF sampling receiver architectures as well as
direct down conversion receivers.
The ADL5521 amplifier comes in a compact, thermally
enhanced 3x3mm LFCSP package and operates over the
temperature range of −40°C to +85°C.
Rev. Pr
A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FUNCTIONAL BLOCK DIAGRAM
VBIAS
BIAS
ADL5521
Figure 1.
VDD
INP
OUT
GND
GND
.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADL5521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521 AD-ADL5521 Datasheet
1Mb / 24P
Low Noise Amplifier
Aug-2017
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5521-EVALZ AD-ADL5521-EVALZ Datasheet
1Mb / 24P
Low Noise Amplifier
Aug-2017
ADL5521ACPZ-R7 AD-ADL5521ACPZ-R7 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
More results

Similar Description - ADL5521

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-400 MINI-ZRL-400 Datasheet
184Kb / 1P
Low Noise Amplifier 50??150 to 400 MHz
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
Analog Devices
ADL5523 AD-ADL5523 Datasheet
376Kb / 6P
400 MHz - 4 GHz Low Noise Amplifier
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com