Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4 GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 6 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ADL5521
Prelim Datasheet
Rev. PrA | Page 6 of 6
OUTLINE DIMENSIONS
ORDERING GUIDE
n
o
i
t
p
O
e
g
a
k
c
a
P
n
o
i
t
p
i
r
c
s
e
D
e
g
a
k
c
a
P
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
l
e
d
o
M
ADL5521ACPZ-R71
2
-
8
-
P
C
l
e
e
R
d
n
a
e
p
a
T
”
7
C
°
5
8
+
o
t
C
°
0
4
–
ADL5521ACPZ-WP1
2
-
8
-
P
C
k
c
a
P
e
lf
f
a
W
C
°
5
8
+
o
t
C
°
0
4
–
d
r
a
o
B
n
o
it
a
u
l
a
v
E
Z
L
A
V
E
-
1
2
5
5
L
D
A
1
Z = Pb free part
Figure 11. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3mm × 3 mm Body, Very Thin, Dual Lead
CP-8-2
Dimensions shown in millimeters
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06828-0-5/07(PrA)
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
0.50
0.40
0.30
TOP
VIEW
12° MAX
0.70 MAX
0.65TYP
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.25
3.00 SQ
2.75
2.95
2.75 SQ
2.55
5
8
PIN 1
INDICATOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com