Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1301T Datasheet (PDF) - NXP Semiconductors

TDA1301T Datasheet PDF - NXP Semiconductors
Part # TDA1301T
Download  TDA1301T Download
File Size   235.32 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital servo processor DSIC2

TDA1301T Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1301T Datasheet PDF - NXP Semiconductors

Part # TDA1301T
Download  TDA1301T Click to download

File Size   235.32 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital servo processor DSIC2

TDA1301T Datasheet (HTML) - NXP Semiconductors


TDA1301T Product details

GENERAL DESCRIPTION

The TDA1301T is a fully digital servo processor which has been designed to provide all servo functions, except the spindle motor control, in two-stage three-spot compact disc systems. The device offers a high degree of

integration, combined with the low additional cost of external components. The servo characteristics have a

wide range of adjustment via a three-line serial interface. This offers an enormous flexibility with respect to

applications for different CD mechanisms. The circuit is optimized for low-power low-voltage applications.



FEATURES

The DSIC2 realizes the following servo functions:

• Diode signal preprocessing

• Focus servo loop

• Radial servo loop

• Sledge motor servo loop

• Three-line serial interface via the microcontroller The other features include:

• Full digital signal processing

• Low power consumption, down to 30 mW

• Low voltage supply 3 to 5.5 V

• Integrated analog-to-digital converters and digital servo loop filters

• Double speed possible

• Easy application

– Single supply voltage

– Small number of external components; only 6 decoupling capacitors

– Flexible system oscillator circuitry

– Usable for single/double Foucault and astigmatic focus

– Full automatic radial error signal initialization offset control and level initialization for track position indicator

– No external adjustments required; no component ageing

– Wide range of adjustable servo characteristics

– Simple 3-line serial command interface

– 28-pin SO package

– Great flexibility towards different CD mechanisms

– Full and transparent application information

• High robustness/shock insensitivity

– Sophisticated track-loss (TL) detection mechanism

– Fast focus restart procedure

– Extended radial error signal

– Adjustable radial shock detector

– Defect drop-out detector

• Fully automatic jump procedure for radial servo

• Automatic focus start-up procedure and built-in FOK (Focus OK)

• Fast radial jump or access procedure

• Self-operational servo-control without continuous communication via the microcontroller

• Direct communication to photodiode optics; no external preprocessing.




Similar Part No. - TDA1301T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results


Similar Description - TDA1301T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
CD Digital Signal Processor with Built-in Digital Servo
logo
List of Unclassifed Man...
CXD2515Q ETC1-CXD2515Q Datasheet
108Kb / 3P
C-MOS CD DIGITAL PROCESSOR WITH SERVO
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
Digital Servo Single Chip Processor
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
Digital Servo Processor LSI
August 2016 - Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com