Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1305 Datasheet (PDF) - NXP Semiconductors

TDA1305 Datasheet PDF - NXP Semiconductors
Part # TDA1305
Download  TDA1305 Download
File Size   209.85 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2

TDA1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1305 Datasheet PDF - NXP Semiconductors

Part # TDA1305
Download  TDA1305 Click to download

File Size   209.85 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2

TDA1305 Datasheet (HTML) - NXP Semiconductors


TDA1305 Product details

GENERAL DESCRIPTION

The TDA1305T is a new generation of filter-DAC which features a unique combination of bitstream and continuous calibration techniques. The converter functions as a bitstream converter for low signals while large signals are generated using the dynamic continuous calibration technique, thus resulting in low power consumption, small chip size and easy application.



FEATURES

• Easy application

• 16fs Finite-duration Impulse-Response (FIR) filter incorporated

• Selectable system clock (fsys) 256fsor 384fs

• I2S-bus serial input format (at fsys= 256fs) or LSB fixed 16, 18 or 20 bits serial input mode (at fsys= 384fs)

• Slave-mode clock system

• Cascaded 4-stage digital filter incorporating 2-stage FIR filter, linear interpolator and sample-and-hold

• Smoothed transitions before and after muting (soft mute)

• Digital de-emphasis filter for three sampling rates of 32 kHz, 44.1 kHz and 48 kHz

• 12 dB attenuation via the attenuation input control

• Double speed mode

• 2nd order noise shaper

• 96 (fsys= 384fs) or 128 (fsys= 256fs) times oversampling in normal speed mode

• 48 (fsys= 384fs) or 64 (fsys= 256fs) times oversampling in double speed mode

• Bitstream continuous calibration concept

• Small outline SO28 package

• Voltage output 1.5 V (RMS) at line drive level

• Low total harmonic distortion

• No zero crossing distortion

• Inherently monotonic

• No analog post filtering required

• Superior signal-to-noise ratio

• Wide dynamic range (18-bit)

• Single rail supply (3.4 to 5.5 V).




Similar Part No. - TDA1305

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
More results


Similar Description - TDA1305

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
Low-power stereo bitstream ADC/DAC
1998 Jan 06
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com