Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1300 Datasheet (PDF) - NXP Semiconductors

TDA1300 Datasheet PDF - NXP Semiconductors
Part # TDA1300
Download  TDA1300 Download
File Size   136.37 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Photodetector amplifiers and laser supplies

TDA1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1300 Datasheet PDF - NXP Semiconductors

Part # TDA1300
Download  TDA1300 Click to download

File Size   136.37 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Photodetector amplifiers and laser supplies

TDA1300 Datasheet (HTML) - NXP Semiconductors


TDA1300 Product details

GENERAL DESCRIPTION

The TDA1300 is an integrated data amplifier and laser supply for three beam pick-up detectors applied in a wide range of mechanisms for Compact Disc (CD) and read only optical systems. It offers 6 amplifiers which amplify and filter the focus and radial diode signals adequately and provides an equalized RF signal for single or double speed mode which can be switched by means of the speed control pin.



FEATURES

• Six input buffer amplifiers with low-pass filtering with virtually no offset

• HF data amplifier with a high or low gain mode

• Two built-in equalizers for single or double speed mode ensuring high playability in both modes

• Full automatic laser control including stabilization and an on/off switch and containing a separate supply VDDL for power reduction

• Applicable with N-sub laser with N-sub or P-sub monitor diode

• Adjustable laser bandwidth and laser switch-on current slope

• Protection circuit preventing laser damage due to supply voltage dip

• Optimized interconnect between pick-up detector and TDA1301

• Wide supply voltage range

• Wide temperature range

• Low power consumption.




Similar Part No. - TDA1300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results


Similar Description - TDA1300

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Source Photonics, Inc.
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
1310nm FP laser and PIN photodetector for 15km transmission
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
1310nm FP laser and PIN photodetector for 40km transmission
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
InGaAs Photodetector
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
InGaAs Photodetector
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
InGaAs Photodetector
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
InGaAs Photodetector
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com