Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F8S45 Datasheet (PDF) - Zilog, Inc.

S3F8S45 Datasheet PDF - Zilog, Inc.
Part # S3F8S45
Download  S3F8S45 Download
File Size   4973.98 Kbytes
Page   392 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S45 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8S45 Datasheet PDF - Zilog, Inc.

Part # S3F8S45
Download  S3F8S45 Click to download

File Size   4973.98 Kbytes
Page   392 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S45 Datasheet (HTML) - Zilog, Inc.


S3F8S45 Product details

1.1. S3F8S45 Microcontroller
The S3F8S45 MCU features 16 KB of Flash ROM. Using a proven modular design
approach, the S3F8S45 MCU was developed by integrating the following peripheral modules with the SAM88 core:
• Five programmable I/O ports, including three 8-bit ports and two 7-bit ports for a total
of 38 pins
• Eight bit-programmable pins for external interrupts
• One 8-bit basic timer for oscillation stabilization and watchdog functions (system reset)
• Three 8-bit timer/counters and two 16-bit timer/counters with selectable operating modes
• Watch timer for real time
• LCD controller/driver
• A/D converter with 9 selectable input pins
• Synchronous SIO modules
• Two asynchronous UART modules
• Pattern generation module
• Battery level detector
The S3F8S45 MCU is currently available in 44-pin QFP, 42-pin SDIP, and 32-pin SDIP
packages.

Features
The S3F8S45 MCU offers the following features:
• SAM88 RC CPU core
• Program memory (full Flash ROM):
– 16K x 8 bits program memory
– Internal Flash (program) memory
○ Sector size: 128 bytes
○ 10 years data retention
○ Fast programming time; user program and sector erase available
○ Endurance: 10,000 erase/program cycles
○ External serial programming support
○ Expandable On-Board Program (OBP) sector
• Data memory (RAM)
– LCD display data memory
– 528 x 8 bits data memory
• Instruction set
– 78 instructions
– IDLE and STOP instructions added for power-down modes
• 38 I/O pins
– 8 pins shared with other signal pins
– 30 pins shared with LCD signal outputs
• Interrupts
– 8 interrupt levels and 22 interrupt sources
– Fast interrupt processing feature
• 8-bit basic timer
– Watchdog timer function
• 2 watchdog timer clock sources:
– Basic timer
– 32 kHz internal RC oscillator, selectable by the Smart Option
• 8-bit Timer/Counter A:
– Programmable 8-bit internal timer
– External event counter function
– PWM and capture function




Similar Part No. - S3F8S45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3F8S15XZZ-QR85 ETC-S3F8S15XZZ-QR85 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
S3F8S19 ETC-S3F8S19 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
S3F8S19XZZ-QR85 ETC-S3F8S19XZZ-QR85 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
logo
Zilog, Inc.
S3F8S24 ZILOG-S3F8S24 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
S3F8S28 ZILOG-S3F8S28 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8S45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com