Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F8S19 Datasheet (PDF) - List of Unclassifed Manufacturers

S3F8S19 Datasheet PDF - List of Unclassifed Manufacturers
Part # S3F8S19
Download  S3F8S19 Download
File Size   151.52 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs

S3F8S19 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8S19 Datasheet PDF - List of Unclassifed Manufacturers

Part # S3F8S19
Download  S3F8S19 Click to download

File Size   151.52 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs

S3F8S19 Datasheet (HTML) - List of Unclassifed Manufacturers


S3F8S19 Product details

Features
 SAM88 Z8-Compatible CPU Core
 Flash Memory
o 32 KB internal Flash program memory (S3F8S19)
o 16 KB internal Flash program memory (S3F8S15)
 Sector size: 128 bytes
 CPU programmable with LDC instruction
 Fast 25 μs byte programming time
 Endurance: 10,000 erase/program cycles
 10 years data retention
 RAM
o 2,086 bytes general-purpose register RAM area (including LCD)
 Instruction Set
o 78 CISC instructions
o Idle and Stop instructions for power-down modes
o LDC for reading and writing Flash memory
 Interrupts
o 26 interrupt sources with 8 programmable priorities
 General-Purpose I/O
o 40 programmable GPIO pins
o Bit-programmable ports
o Programmable pull-up on ports 1 and 2
 LCD Controller
o 6 common and 16 segment pins
o LCD bias voltage generator
 Clock Sources
o Internal oscillator: 8 MHz, 4 MHz, 1 MHz or 0.5 MHz
o External RC oscillator: 4 MHz max. (capacitor is integrated on chip)
o External crystal oscillator: 12 MHz max.
o Low power ring oscillator: 32 kHz




Similar Part No. - S3F8S19

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
S3F8S24 ZILOG-S3F8S24 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
S3F8S28 ZILOG-S3F8S28 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
S3F8S35 ZILOG-S3F8S35 Datasheet
3Mb / 423P
S3 Family 8-Bit Microcontrollers
S3F8S39 ZILOG-S3F8S39 Datasheet
3Mb / 423P
S3 Family 8-Bit Microcontrollers
S3F8S45 ZILOG-S3F8S45 Datasheet
4Mb / 392P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8S19

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
fujitsu semiconductor
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
Family of 32-bit MCUs
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
logo
Cypress Semiconductor
MB95260H CYPRESS-MB95260H Datasheet
2Mb / 92P
New 8FX 8-bit Microcontrollers
MB95410H CYPRESS-MB95410H Datasheet
2Mb / 85P
New 8FX 8-bit Microcontrollers
MB95560H CYPRESS-MB95560H Datasheet
6Mb / 89P
New 8FX 8-bit Microcontrollers
MB95690K CYPRESS-MB95690K Datasheet
4Mb / 129P
New 8FX 8-bit Microcontrollers
MB95710M CYPRESS-MB95710M Datasheet
12Mb / 173P
New 8FX 8-bit Microcontrollers
logo
Zilog, Inc.
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com