Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3F8S7B Datasheet (PDF) - Zilog, Inc.

S3F8S7B Datasheet PDF - Zilog, Inc.
Part # S3F8S7B
Download  S3F8S7B Download
File Size   2812.41 Kbytes
Page   419 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S7B Datasheet (PDF)

Go To PDF Page Download Datasheet
S3F8S7B Datasheet PDF - Zilog, Inc.

Part # S3F8S7B
Download  S3F8S7B Click to download

File Size   2812.41 Kbytes
Page   419 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description S3 Family 8-Bit Microcontrollers

S3F8S7B Datasheet (HTML) - Zilog, Inc.


S3F8S7B Product details

1.1 S3C8-Series Microcontrollers
Zilog's S3C8 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of
integrated peripherals, and various mask-programmable ROM sizes. Among the major CPU features are:
• Efficient register-oriented architecture
• Selectable CPU clock sources
• Idle and Stop power-down mode release by interrupts
• Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum of four CPU clocks) can be assigned to
specific interrupt levels.
1.2 S3F8S7B Microcontroller
The S3F8S7B single-chip CMOS microcontrollers are fabricated using the highly advanced CMOS process, based
on Zilog’s newest CPU architecture.
The S3F8S7B is a microcontroller with a 64KB Flash ROM embedded.
Using a proven modular design approach, Zilog engineers have successfully developed the S3F8S7B by
integrating the following peripheral modules with the powerful SAM8 core:
• Nine programmable I/O ports, including eight 8-bit ports, and one 6-bit port, for a total of 70 pins
• Sixteen bit-programmable pins for external interrupts
• One 8-bit basic timer for oscillation stabilization and watchdog functions (system reset)
• Four 8-bit timer/counter and two 16-bit timer/counter with selectable operating modes
• Watch timer for real time
• LCD Controller/driver
• A/D converter with 8 selectable input pins
• D/A converter with 1 selectable output pin
• Synchronous SIO modules
• Two asynchronous UART modules
• Pattern generation module

1.3 Features
CPU
• SAM88 RC CPU core
Memory
• Program Memory (ROM)
− 64K × 8 bits program memory
− Internal Flash memory (program memory)
o Sector size: 128 bytes
o 10 years data retention
o Fast programming time: User program and sector erase available
o Endurance: 10,000 erase/program cycles
o External serial programming support
o Expandable OBPTM (on board program) sector
• Data Memory (RAM)
− Including LCD display data memory
− 2,114 × 8 bits data memory
Instruction Set
• 78 instructions
• Idle and stop instructions added for power-down modes
70 I/O Pins
• I/O: 18 pins (Sharing with other signal pins)
• I/O: 52 pins (Sharing with LCD signal outputs)
Interrupts
• 8 interrupt levels and 31 interrupt sources
• Fast interrupt processing feature
8-Bit Basic Timer
• Watchdog timer function
• 4 kinds of clock source




Similar Part No. - S3F8S7B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3F8S15XZZ-QR85 ETC-S3F8S15XZZ-QR85 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
S3F8S19 ETC-S3F8S19 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
S3F8S19XZZ-QR85 ETC-S3F8S19XZZ-QR85 Datasheet
151Kb / 6P
From Zilog’s New S3 Family of Microcontrollers: the S3F8S19/15 8-Bit MCUs
logo
Zilog, Inc.
S3F8S24 ZILOG-S3F8S24 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
S3F8S28 ZILOG-S3F8S28 Datasheet
2Mb / 376P
S3 Family 8-Bit Microcontrollers
More results


Similar Description - S3F8S7B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com