Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1313 Datasheet (PDF) - NXP Semiconductors

TDA1313 Datasheet PDF - NXP Semiconductors
Part # TDA1313
Download  TDA1313 Download
File Size   76.88 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo continuous calibration DAC CC-DAC

TDA1313 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1313 Datasheet PDF - NXP Semiconductors

Part # TDA1313
Download  TDA1313 Click to download

File Size   76.88 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stereo continuous calibration DAC CC-DAC

TDA1313 Datasheet (HTML) - NXP Semiconductors


TDA1313 Product details

GENERAL DESCRIPTION
The TDA1313; 1313T is a voltage driven digital-to-analog converter, and is of a new generation of DACs which incorporates the innovative technique of Continuous Calibration (CC). The largest bit-currents are repeatedly generated from one single current reference source. This duplication is based upon an internal charge storage principle having an accuracy which is insensitive to ageing, temperature and process variations.
The TDA1313; 1313T is fabricated in a 1.0 µm CMOS process and features an extremely low power dissipation, small package size and easy application. Furthermore, the accuracy of the intrinsic high coarse-current combined with the implemented symmetrical offset decoding method preclude zero-crossing distortion and ensures high quality audio reproduction. Therefore, the CC-DAC is eminently suitable for use in (portable) digital audio equipment.

FEATURES
• 4/8 × oversampling (multiplexed/simultaneous input) possible
• Voltage output (capable of driving headphone)
• Space saving package (SO16 or DIL16)
• Low power consumption
• Wide dynamic range (16-bit resolution)
• Continuous Calibration concept
• Easy application:
   – single 3 to 5.5 V supply rail
   – output voltage is proportional to the supply voltage
   – integrated current-to-voltage converter
• Internal bias current ensures maximum dynamic range
• Wide operating temperature range (−40 °C to +85 °C)
• Compatible with most current Japanese input format
   multiplexed/simultaneous, twos complement and
   CMOS)
• No zero crossing distortion
• Cost efficient
• High signal-to-noise ratio
• Low total harmonic distortion.




Similar Part No. - TDA1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results


Similar Description - TDA1313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
Stereo continuous calibration DAC CC-DAC
July 1993
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
stereo DAC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com