Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1313 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1313
Description  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1313 Datasheet HTML 4Page - NXP Semiconductors TDA1313 Datasheet HTML 5Page - NXP Semiconductors TDA1313 Datasheet HTML 6Page - NXP Semiconductors TDA1313 Datasheet HTML 7Page - NXP Semiconductors TDA1313 Datasheet HTML 8Page - NXP Semiconductors TDA1313 Datasheet HTML 9Page - NXP Semiconductors TDA1313 Datasheet HTML 10Page - NXP Semiconductors TDA1313 Datasheet HTML 11Page - NXP Semiconductors TDA1313 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
July 1993
8
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
Notes
1. Vripple = 1% of the supply voltage; fripple = 100 Hz.
2. Measured with 1 kHz sinewave generated at a sampling rate of 384 kHz.
QUALITY SPECIFICATION
In accordance with UZW-BO/FQ-0601.
Analog outputs; pins VOL and VOR
VFS
full-scale voltage
3.8
4.2
4.6
V
TCFS
full-scale temperature
coefficient
−±400
−
ppm
RL
load resistance
3
−−
k
Ω
CL
load capacitance
−−
200
pF
VREF
reference output voltage
3.16
3.33
3.5
V
VDC
output DC voltage
2.25
2.5
2.75
V
(THD+N)/S
total harmonic distortion plus
noise
at 0 dB signal level; note 2
−−88
−81
dB
−
0.004
0.009
%
at 0 dB signal level; see
−−70
−
dB
Fig.8
−
0.03
−
%
at
−60 dB signal level;
note 2
−−36
−28
dB
−
1.6
4.0
%
at
−60 dB signal level;
A-weighted; note 2
−−38
−
dB
−
1.3
−
%
at 0 dB signal level;
f = 20 Hz to 20 kHz
−−84
−70
dB
−
0.006
0.03
%
tcs
current settling time to
±1
LSB
−
0.2
−µs
α
channel separation
86
95
−
dB
see Fig.8
−
70
−
dB
δIO
unbalance between outputs
note 2
−
0.2
0.3
dB
td
time delay between outputs
−±0.2
−µs
S/N
signal-to-noise ratio at
bipolar zero
A-weighted; at code 0000H
93
98
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com