Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1313 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1313
Description  Stereo continuous calibration DAC CC-DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1313 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1313 Datasheet HTML 7Page - NXP Semiconductors TDA1313 Datasheet HTML 8Page - NXP Semiconductors TDA1313 Datasheet HTML 9Page - NXP Semiconductors TDA1313 Datasheet HTML 10Page - NXP Semiconductors TDA1313 Datasheet HTML 11Page - NXP Semiconductors TDA1313 Datasheet HTML 12Page - NXP Semiconductors TDA1313 Datasheet HTML 13Page - NXP Semiconductors TDA1313 Datasheet HTML 14Page - NXP Semiconductors TDA1313 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
July 1993
13
Philips Semiconductors
Objective specification
Stereo continuous calibration DAC
(CC-DAC)
TDA1313; TDA1313T
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
8
9
1
16
y
pin 1 index
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E (1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
10.0
9.8
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.0
0.4
SOT109-1
91-08-13
95-01-23
076E07S
MS-012AC
0.069
0.0098
0.0039
0.057
0.049
0.01
0.019
0.014
0.0098
0.0075
0.39
0.38
0.16
0.15
0.050
1.05
0.041
0.24
0.23
0.028
0.020
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
0
2.5
5 mm
scale
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com