Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1373H Datasheet (PDF) - NXP Semiconductors

TDA1373H Datasheet PDF - NXP Semiconductors
Part # TDA1373H
Download  TDA1373H Download
File Size   308.04 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General Digital Input GDIN

TDA1373H Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1373H Datasheet PDF - NXP Semiconductors

Part # TDA1373H
Download  TDA1373H Click to download

File Size   308.04 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General Digital Input GDIN

TDA1373H Datasheet (HTML) - NXP Semiconductors


TDA1373H Product details

GENERAL DESCRIPTION
The TDA1373H is a General Digital Input (GDIN) device for audio signals which is able to perform a high-quality sample rate conversion of digital audio signals (SRC mode). The device reads several serial input formats and signals in the IEC 958 digital audio format (also known as AES/EBU or SPDIF signals). For this purpose a full Audio Digital Input Circuit (ADIC) is present in the device.

FEATURES
• Four operating modes:
    – Sample Rate Conversion (SRC) mode
    – AD/DA mode
    – SLAVE-VCO mode
    – SLAVE-VCXO mode
• Full digital sample rate conversion over a wide range of input sample rates
• Fast and automatic detection and locking to the input sample rate with continuous tracking
• Digital Phase-Locked Loop (PLL) with adaptive bandwidth which removes jitter on the digital audio input
• Audio outputs (soft) muted during loop acquisition
• Full linear phase processing based on all-FIR filtering
• Integrated full digital IEC 958 demodulator for digital input signals (AES/EBU or SPDIF format) with intelligent error handling
• Extended input sample frequency range
• IEC 958 Channel Status (CS) and User Channel (UC) outputs
• On-chip CS and/or UC demodulation and buffering (consumer and professional format)
• Dedicated subcode processing for Compact Disc (CD)
• Final output quantization to 16, 18 or 20 bits with optional in-audio-band noise shaping
• Bitstream input and output for coupling with 1-bit analog-to-digital conversion (ADC) and digital-to-analog conversion (DAC)
• I2S and Japanese serial input formats supported for SRC and DAC functions
• I2S and Japanese serial output formats supported for SRC and ADC functions
• I2S and Japanese 4× oversampled serial output available for SRC and ADC functions
• 8-bit digital gain/attenuation control
• Switchable Digital Signal Processor (DSP)-interface (I2S input and output) for additional audio processing
• Additional clock outputs available at 768, 384, 256 and 128fso
• 3-line serial microcontroller interface, compatible with the Philips CD I.C. protocol (HCL)
• 5 V power supply
• 0.7 µm double metal Complementary Metal Oxide Semiconductor (CMOS)
• SRC THD + N:
    – −113 dB over the 0 to 20 kHz band (1 kHz, 20 bits input and output) (see Fig.3)
    – −95 dB over the 0 to 20 kHz band (1 kHz, 16 bits input and output)
• Pass band ripple smaller than ±0.004 dB for up-sampling and down-sampling filters
• Stop band suppression:
    – selectable between 70 dB and 50 dB for 64× up-sampling filters
    – 80 dB for 128× down-sampling filters
• Microcontroller operated and stand-alone mode.

APPLICATIONS
• Professional audio equipment for:
    – mixing
    – recording
    – editing
    – broadcasting
• CD-Recordable (CD-R)
• Digital Speaker Systems (DSS)
• Digital Compact Cassette recorders (DCC)
• Digital Audio Tape (DAT) and MD recorders
• Digital amplifiers
• Jitter killers.




Similar Part No. - TDA1373H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
Digital servo processor DSIC2
March 1994
More results


Similar Description - TDA1373H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB1201B PF-FB1201B Datasheet
517Kb / 3P
Digital Input
FB1202B PF-FB1202B Datasheet
533Kb / 3P
Digital Input
FB1209B3 PF-FB1209B3 Datasheet
802Kb / 3P
Digital Input
FB1308B2 PF-FB1308B2 Datasheet
601Kb / 4P
Digital Input
LB1001A PF-LB1001A Datasheet
157Kb / 3P
Digital Input
2021-12-01
LB1002A PF-LB1002A Datasheet
528Kb / 3P
Digital Input
2021-11-16
LB1008A PF-LB1008A Datasheet
549Kb / 3P
Digital Input
2021-12-01
LB1014A PF-LB1014A Datasheet
523Kb / 3P
Digital Input
2020-04-30
LB1015A PF-LB1015A Datasheet
637Kb / 3P
Digital Input
2021-12-01
LB1109A PF-LB1109A Datasheet
611Kb / 3P
Digital Input
2021-12-01
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com