Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-AKB-RKB Datasheet (PDF) - Cree LED

CLM4B-AKB-RKB Datasheet PDF - Cree LED
Part # CLM4B-AKB-RKB
Download  CLM4B-AKB-RKB Download
File Size   689.83 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED

CLM4B-AKB-RKB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4B-AKB-RKB Datasheet PDF - Cree LED

Part # CLM4B-AKB-RKB
Download  CLM4B-AKB-RKB Click to download

File Size   689.83 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED

CLM4B-AKB-RKB Datasheet (HTML) - Cree LED


CLM4B-AKB-RKB Product details

FEATURES
• Size (mm): 3.2 X 2.7
• Color and Typical Dominant
Wavelength:
Red (624nm)
Amber (591nm)
• Luminous Intensity (mcd)
CLM4B-RKB:(1120-2800)
CLM4B-AKB:(1120-2800)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Architectural Lighting




Similar Part No. - CLM4B-AKB-RKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-AKB-CWaXb263 CREE-CLM4B-AKB-CWaXb263 Datasheet
655Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-AKB-CWbXb353 CREE-CLM4B-AKB-CWbXb353 Datasheet
655Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Similar Description - CLM4B-AKB-RKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
PLCC4 1-in-1 SMD LED
CLM4BAKB MARKTECH-CLM4BAKB_15 Datasheet
721Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
PLCC4 1-in-1 SMD LED
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com